Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS234075 Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers

Part # CS234075
Description  MAGNETIC POWDER CORES
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CS234075 Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button CS234075 Datasheet HTML 34Page - List of Unclassifed Manufacturers CS234075 Datasheet HTML 35Page - List of Unclassifed Manufacturers CS234075 Datasheet HTML 36Page - List of Unclassifed Manufacturers CS234075 Datasheet HTML 37Page - List of Unclassifed Manufacturers CS234075 Datasheet HTML 38Page - List of Unclassifed Manufacturers CS234075 Datasheet HTML 39Page - List of Unclassifed Manufacturers CS234075 Datasheet HTML 40Page - List of Unclassifed Manufacturers CS234075 Datasheet HTML 41Page - List of Unclassifed Manufacturers CS234075 Datasheet HTML 42Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 39 / 42 page
background image
Magnetic Powder Cores :::
76
MAGNETIC POWDER CORES
NOTES
75 ::: Changsung Corporation
Product Identification
CS 16 25 026 E
Perm. : 26μ
OD size : 165mm
Available size : 101.6mm~ 165.0mm
Available HT 13.6mm~ 40.6mm
Height : 25mm
Sendust Core
CM : MPP, CH : High Flux, CK : Mega Flux
E : Epoxy, C : Plastic case, U : uncoated
Available perm. 26, 50, 60,125μ
Epoxy coated
CSC’ big toroidal cores produced by a 3000 ton press are ideal for high current applications, especially in UPS, renewable energy(solar/wind),
high power industrial power systems. The maximum diameter is 165mm(6.5”)OD and the electrical characteristics are the same as small toroidal cores.
CSC cores are the world’s biggest and strongest on the market today.
CS1013
CS1016
CS1027
CS1033
CS1320
CS1325
CS1333
CS1340
CS1650
Part No.
Before Finish Dimensions(mm)
After Finish Dimensions(mm)
Weight
(g)
Path
Length
(cm)
Cross
Section
Area
(cm2)
AL value (nH/N2)
8%
OD(mm) Max ID(mm) Min HT(mm) Max OD(mm) Max ID(mm) Max HT(mm) Max
026μ
060μ
125μ
101.6
101.6
101.6
101.6
132.5
132.5
132.5
132.5
165.0
57.2
57.2
57.2
57.2
78.6
78.6
78.6
78.6
88.9
13.6
16.5
27.2
33.0
20.3
25.4
33.0
40.6
25.4
103.1
103.1
103.1
103.1
134.2
134.2
134.2
134.2
167.2
55.7
55.7
55.7
55.7
77
77
77
77
86.9
14.9
17.8
28.5
34.3
21.7
26.8
34.4
42
27.3
548.6
665.6
1097.3
1331.3
1280.1
1601.7
2080.9
2560.2
2808.0
24.27
24.27
24.27
24.27
32.42
32.42
32.42
32.42
38.65
2.972
3.522
5.944
7.044
5.347
6.710
8.717
10.694
9.460
40
47
80
94
54
68
88
108
80
92
112
184
224
124
156
202
248
184
192
228
384
456
259
325
422
518
384
CM(MPP core), CH(High Flux core), CK(Mega Flux core) and customer specifications are also available.
BIG TOROIDAL CORES
• Excellent DC bias characteristics
• Near zero magneto-striction
coefficient constant
• Good temperature stability
• Power factor correction(PFC) circuits
• Power inductors for large currents
• AC Reactors for inverters
Features
Applications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com