Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS234075 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # CS234075
Description  MAGNETIC POWDER CORES
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CS234075 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button CS234075 Datasheet HTML 2Page - List of Unclassifed Manufacturers CS234075 Datasheet HTML 3Page - List of Unclassifed Manufacturers CS234075 Datasheet HTML 4Page - List of Unclassifed Manufacturers CS234075 Datasheet HTML 5Page - List of Unclassifed Manufacturers CS234075 Datasheet HTML 6Page - List of Unclassifed Manufacturers CS234075 Datasheet HTML 7Page - List of Unclassifed Manufacturers CS234075 Datasheet HTML 8Page - List of Unclassifed Manufacturers CS234075 Datasheet HTML 9Page - List of Unclassifed Manufacturers CS234075 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
Magnetic Powder Cores :::
10
09 ::: Chang Sung Corporation
MAGNETIC POWDER CORES
TECHNICAL DATA
MAGNETIC POWDER CORES
TECHNICAL DATA
The inductance of a wound core at a given number of turns is calculated using the following formula.
L
L
= inductance( μH)
μ
= core permeability
N
= number of turns
A
= effective cross section area(cm2)
= mean magnetic path length(cm)
LN = Inductance at N turns( μH)
AL = nominal Inductance(nH/N2)
N
2A 10-2
0.4 μ
LN
=
= AL N
2
10
-3
Ampere’s Law
Faraday’s Law
Magnetic Design Formulas
Inductance of a Wound Core
Ampere’s Law and Faraday’s Law show the relations of permeability, flux density and magnetizing force of a wound core.
H
= magnetizing force(oersteds)
N
= number of turns
l
= peak magnetizing current(amperes)
= mean magnetic path length(cm)
Bmax = maximum flux density(gausses)
Erms = voltage across coil(volts)
f
= frequency(hertz)
Permeability - Flux Density - Magnetizing Force
Inductor specification
a) Formula to calculate L at 0Ampere
LN = AL N2 10-3
The Nominal inductance table on page 7 shows the AL value of CM270125 to be 157.
Therefore, L ( 0A) = 157 222 0.001 = 76 ( μH)
b) Determine DC magnetizing force (H) by using Ampere’s law to achieve the roll off.
H = 0.4 Nl /
H = 0.4 3.14 22 10 / 6.35 = 43.5(Oe)
The magnetizing force(dc bias) is 43.5 oersteds, yielding 64% of initial permeability. See on page 11.
The inductance at 10Ampere will decrease the inductance by 64% compared with 0Ampere.
Therefore, L( 10A) = 76 0.64
= 48.6 ( μH)
Inductance calculation by AL vs Nl Curve is also available on page 24.
solution
- Core : CM270125
- Number of Windings : 22Turns
- Current : DC 10Amperes
Inductance Calculation by Permeability vs DC Bias Curves
H
Nl
0.4
Bmax
=
=
Erms 10
8
4.44fAN
μ
B
=
H
For toroidal powder cores, the effective area(A) is the same as the cross sectional
area. By definition and Ampere’s Law, the effective magnetic path length is the ratio
of ampere-turns(NI) to the average magnetizing force. Using Ampere’s Law and
averaging the magnetizing force gives the formula for effective path length.
Mean Magnetic Path Length
(OD - ID)
OD
ID
()
=
ln
Q
= quality factor
= 2 frequency (hertz)
L
= inductance (henries)
Rdc = DC winding resistance (ohms)
Rac = resistance due to core loss (ohms)
Rd = resistance due to winding dielectric loss (ohms)
Q
L
=
Rdc Rac Rd
Powder cores have low hysteresis loss, minimizing signal distortion, and low residual loss. The total core loss at low flux densities is the
sum of three frequency dependent losses of hysteresis loss, residual loss, and eddy current loss. The core loss is calculated from the
following Legg’s equation.
When a varying magnetic field passes through the core, eddy currents are induced in it. Joule heat loss by these currents is called eddy
current loss. Hysteresis loss is due to the irreversible behavior in the hysteresis curve and equal to the enclosed area of the loop.
The other core loss is called residual loss.
Where
Rac
= core loss resistance (ohms)
a
= hysteresis loss coefficient
c
= residual loss coefficient
e
= eddy current loss coefficient
, L, Bmax, f = same as mentioned before
Eddy current loss
Core Loss
Residual loss
Hysteresis loss
Total loss factor
Rac
aBmaxf cf ef
2
L
=
OD = outside diameter of core (cm)
ID = inside diameter of core (cm)
A
= core cross section (effective area)
= mean magnetic path length (cm)
The Q factor is defined as the ratio of reactance to the effective resistance for an inductor and thus indicates its quality. The Q of wound core can
be calculated using the following formula, when neglecting the effects of self-resonance caused by the distributed capacitance resulting from the
differential voltage between adjacent turns.
Q Factor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com