Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IWC0805DR10R-3G Datasheet(PDF) 1 Page - Laird Tech Smart Technology

Part # IWC0805DR10R-3G
Description  SMD Wire Wound Ceramic Chip Inductors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

IWC0805DR10R-3G Datasheet(HTML) 1 Page - Laird Tech Smart Technology

  IWC0805DR10R-3G Datasheet HTML 1Page - Laird Tech Smart Technology IWC0805DR10R-3G Datasheet HTML 2Page - Laird Tech Smart Technology IWC0805DR10R-3G Datasheet HTML 3Page - Laird Tech Smart Technology IWC0805DR10R-3G Datasheet HTML 4Page - Laird Tech Smart Technology IWC0805DR10R-3G Datasheet HTML 5Page - Laird Tech Smart Technology IWC0805DR10R-3G Datasheet HTML 6Page - Laird Tech Smart Technology IWC0805DR10R-3G Datasheet HTML 7Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
APPLICATIONS
Resonant circuits, impedance matching for
• Antenna amplifiers
• Multimedia
• Wireless communication systems
FEATURES
• High resonance frequency
• Narrow inductance tolerance
• Suitable for lead-free reflow soldering
• RoHS-compatible
MATERIAL LIST
(A) Epoxy
(B) Ceramic
(C) Wire
(D) Terminal
Part Numbering
Notes
Standard testing conditions , unless otherwise specified
• Temperature: 15 ˚C to 35˚C
• Humidity: 25% to 85% (RH)
• L
、 Q、SRF : Agilent E4991A+ Agilent 16197A
• Operating Temperature: -40 ˚C to +125 ˚C
• Storage Temperature: -10 ˚C to +40 ˚C
• Products should be used within 12 months, from the time of delivery
• Cosmetic specification refer to WI-QA-124
Laird Performance Materials
www.laird.com
Product Series
Code
Size Code
SMD Wire Wound Ceramic Chip Inductors
Rated Current
Code
A ≦ 100mA
B=200mA
C=300mA
D=400mA
E=500mA
F=600mA
G=700mA
H=800mA
I=900mA
Inductance
Value Code
0N3=0.3nH
6N8=6.8nH
24N=24nH
R10=100nH
Packing Code
R-Tape&Reel
Additional
Description
□-Tolerance
Code
G - ±2%
J - ±5%
IWC0805 Series
IWC
0805
D
24N
R
-3□


Similar Part No. - IWC0805DR10R-3G

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
IWC0402 LSTD-IWC0402 Datasheet
619Kb / 7P
SMD Wire Wound Ceramic Chip Inductors
2021.10.14 Rev:A
IWC0402A0N3R-3G LSTD-IWC0402A0N3R-3G Datasheet
619Kb / 7P
SMD Wire Wound Ceramic Chip Inductors
2021.10.14 Rev:A
IWC0402A0N3R-3J LSTD-IWC0402A0N3R-3J Datasheet
619Kb / 7P
SMD Wire Wound Ceramic Chip Inductors
2021.10.14 Rev:A
IWC0402A24NR-3G LSTD-IWC0402A24NR-3G Datasheet
619Kb / 7P
SMD Wire Wound Ceramic Chip Inductors
2021.10.14 Rev:A
IWC0402A24NR-3J LSTD-IWC0402A24NR-3J Datasheet
619Kb / 7P
SMD Wire Wound Ceramic Chip Inductors
2021.10.14 Rev:A
More results

Similar Description - IWC0805DR10R-3G

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
1008C FRONTIER-1008C Datasheet
82Kb / 3P
SMD Wire Wound Ceramic Chip Inductors
0805C-2N2M FRONTIER-0805C-2N2M Datasheet
84Kb / 3P
SMD Wire Wound Ceramic Chip Inductors
1210C-4N7K FRONTIER-1210C-4N7K Datasheet
102Kb / 3P
SMD Wire Wound Ceramic Chip Inductors
0603C FRONTIER-0603C_15 Datasheet
215Kb / 3P
SMD WIRE WOUND CERAMIC CHIP INDUCTORS
0603CP FRONTIER-0603CP Datasheet
242Kb / 3P
SMD WIRE WOUND CERAMIC CHIP INDUCTORS
1008CP FRONTIER-1008CP Datasheet
229Kb / 3P
SMD WIRE WOUND CERAMIC CHIP INDUCTORS
0402CP-1N0J FRONTIER-0402CP-1N0J Datasheet
197Kb / 3P
SMD WIRE WOUND CERAMIC CHIP INDUCTORS
1008CP-10NJ FRONTIER-1008CP-10NJ Datasheet
229Kb / 3P
SMD WIRE WOUND CERAMIC CHIP INDUCTORS
0603HQ FRONTIER-0603HQ Datasheet
604Kb / 4P
SMD WIRE WOUND CERAMIC CHIP INDUCTORS
1008HQ FRONTIER-1008HQ Datasheet
497Kb / 3P
SMD WIRE WOUND CERAMIC CHIP INDUCTORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com