Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IWC0805DR10R-3G Datasheet(PDF) 3 Page - Laird Tech Smart Technology

Part # IWC0805DR10R-3G
Description  SMD Wire Wound Ceramic Chip Inductors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

IWC0805DR10R-3G Datasheet(HTML) 3 Page - Laird Tech Smart Technology

  IWC0805DR10R-3G Datasheet HTML 1Page - Laird Tech Smart Technology IWC0805DR10R-3G Datasheet HTML 2Page - Laird Tech Smart Technology IWC0805DR10R-3G Datasheet HTML 3Page - Laird Tech Smart Technology IWC0805DR10R-3G Datasheet HTML 4Page - Laird Tech Smart Technology IWC0805DR10R-3G Datasheet HTML 5Page - Laird Tech Smart Technology IWC0805DR10R-3G Datasheet HTML 6Page - Laird Tech Smart Technology IWC0805DR10R-3G Datasheet HTML 7Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
IWC0805E39NR-3J
39
±5%
250
60
500
0.29
500
2000
IWC0805E39NR-3G
39
±2%
250
60
500
0.29
500
2000
IWC0805E33NR-3J
33
±5%
250
60
500
0.27
500
2050
IWC0805E33NR-3G
33
±2%
250
60
500
0.27
500
2050
IWC0805E27NR-3J
27
±5%
250
55
500
0.25
500
2500
IWC0805E27NR-3G
27
±2%
250
55
500
0.25
500
2500
IWC0805E22NR-3J
22
±5%
250
55
500
0.22
500
2600
IWC0805E22NR-3G
22
±2%
250
55
500
0.22
500
2600
0.76
A Max
B Max
C Max
D Ref
E Ref
F Ref
G Ref
H Ref
2.35
1.73
1.52
1.27
0.7
0.51
1.02
1.78
1.02
I Ref
100
100
500
0.46
400
180
±2%
100
50
250
0.64
400
2. Dimensions
J Ref
Multilayer Ceramic Chip Inductors
Rev:A
±2%
Q Test Fre
(MHz)
DCR Max
(Ω)
Rated current
(mA)
SRF
(MHz)
Tolerance
L Test Fre
(MHz)
Q Min
47
200
60
500
0.31
IWC0805E47NR-3G
47
±2%
400
1300
IWC0805D82NR-3G
82
±5%
150
65
500
0.42
82
200
60
1350
500
1600
IWC0805E68NR-3J
68
±5%
200
±5%
68
200
60
500
0.38
500
400
1300
IWC0805D82NR-3J
www.laird.com
1.SPECIFICATION
Part Number
L (nH)
IWC0805DR10R-3J
IWC0805DR10R-3G
±2%
150
IWC0805E68NR-3G
IWC0805E47NR-3J
0.31
500
1600
500
1350
±2%
150
65
500
0.42
1200
65
400
60
500
0.38
500
±5%
150
65
500
0.46
400
1200
1100
IWC0805DR12R-3G
120
±2%
150
50
250
0.51
±5%
150
250
0.51
IWC0805DR12R-3J
120
50
400
1100
900
IWC0805DR15R-3J
150
±5%
100
50
0.56
400
900
0.56
400
IWC0805DR15R-3G
150
±2%
100
50
250
250
870
0.64
400
870
IWC0805DR18R-3J
180
±5%
100
50
250
IWC0805DR18R-3G



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com