Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IWC0805DR10R-3G Datasheet(PDF) 6 Page - Laird Tech Smart Technology

Part # IWC0805DR10R-3G
Description  SMD Wire Wound Ceramic Chip Inductors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

IWC0805DR10R-3G Datasheet(HTML) 6 Page - Laird Tech Smart Technology

  IWC0805DR10R-3G Datasheet HTML 1Page - Laird Tech Smart Technology IWC0805DR10R-3G Datasheet HTML 2Page - Laird Tech Smart Technology IWC0805DR10R-3G Datasheet HTML 3Page - Laird Tech Smart Technology IWC0805DR10R-3G Datasheet HTML 4Page - Laird Tech Smart Technology IWC0805DR10R-3G Datasheet HTML 5Page - Laird Tech Smart Technology IWC0805DR10R-3G Datasheet HTML 6Page - Laird Tech Smart Technology IWC0805DR10R-3G Datasheet HTML 7Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
5. PACKAGING
Packaging Style and Quantity
Taping Condition (Typ)
ate
d
Tape Strength
IWC0805 Series
Tape & Reel
2000
Multilayer Ceramic Chip Inductors
Rev:A
Packaging Type
Reel Quantity
Box Quantity
Laird Part Number
10000
www.laird.com
P1
1.85
2.45
0.23
4
2
W
PO
KO
Ao
Bo
T
P
8
4
1.5
Tape Width
Peeling Force
8 mm
0.1N to 0.6N
D
14.4
E
8.4
Reel Specifications (Typ)
A
180
B
60
C
13



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com