Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATO25F1GA-30EC Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ATO25F1GA-30EC
Description  3.3V 1G-BIT Serial NAND Flash Memory with Quad SPI
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ATO25F1GA-30EC Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ATO25F1GA-30EC Datasheet HTML 1Page - List of Unclassifed Manufacturers ATO25F1GA-30EC Datasheet HTML 2Page - List of Unclassifed Manufacturers ATO25F1GA-30EC Datasheet HTML 3Page - List of Unclassifed Manufacturers ATO25F1GA-30EC Datasheet HTML 4Page - List of Unclassifed Manufacturers ATO25F1GA-30EC Datasheet HTML 5Page - List of Unclassifed Manufacturers ATO25F1GA-30EC Datasheet HTML 6Page - List of Unclassifed Manufacturers ATO25F1GA-30EC Datasheet HTML 7Page - List of Unclassifed Manufacturers ATO25F1GA-30EC Datasheet HTML 8Page - List of Unclassifed Manufacturers ATO25F1GA-30EC Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 46 page
background image
2/46
Sep.2013. Rev 0.5
1Gbit Serial NAND Flash Memory
Revision History
Revision
No.
History
Date
Remark
0.0
Initial Draft
Sep.2012
preliminary
0.1
1. Add one page configuration (page 15)
2. Add OTP Protection Register (page 24)
3. Add Random Data-in Limitation (page 31)
4. Add NOP Description (page 41)
5. Correct the typo (page17; 7.2 Quad SPI Instructions)
Nov. 2012
0.2
Add operating temperature(page 46)
Apr. 2013
0.3
Add Package pin map (page 9)
July. 2013
0.4
Adjust Package(WSON / SOIC 300mil) Image (Page 9)
Aug. 2013
0.5
Add Industrial operating temperature (Page 39)
Sep. 2013



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com