Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATO25F1GA-30EC Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # ATO25F1GA-30EC
Description  3.3V 1G-BIT Serial NAND Flash Memory with Quad SPI
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ATO25F1GA-30EC Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button ATO25F1GA-30EC Datasheet HTML 17Page - List of Unclassifed Manufacturers ATO25F1GA-30EC Datasheet HTML 18Page - List of Unclassifed Manufacturers ATO25F1GA-30EC Datasheet HTML 19Page - List of Unclassifed Manufacturers ATO25F1GA-30EC Datasheet HTML 20Page - List of Unclassifed Manufacturers ATO25F1GA-30EC Datasheet HTML 21Page - List of Unclassifed Manufacturers ATO25F1GA-30EC Datasheet HTML 22Page - List of Unclassifed Manufacturers ATO25F1GA-30EC Datasheet HTML 23Page - List of Unclassifed Manufacturers ATO25F1GA-30EC Datasheet HTML 24Page - List of Unclassifed Manufacturers ATO25F1GA-30EC Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
21/46
Sep.2013. Rev 0.5
1Gbit Serial NAND Flash Memory
8.2
Write Disable (WRDI)
The Write Disable (WRDI) instruction (Figure 9) resets the Write Enable Latch (WEL) bit.
The Write Disable (WRDI) instruction is entered by driving Chip Select (CS#) Low, sending the
instruction code, and then driving Chip Select (CS#) High. The Write Enable Latch (WEL) bit is
reset under the following conditions:
Power-up
Write Disable (WRDI) instruction completion
OTP program instruction completion
Page Program (PP) instruction completion
Block Erase (BE) instruction completion
Figure 9. Write Disable (WRDI) instruction sequence
SCLK
CS#
0
1
2
3
4
5
6
7
Mode3
Mode0
Mode3
Mode0
Instruction (04h)
SI
SO
High Impedance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com