Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATO25F1GA-30EC Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # ATO25F1GA-30EC
Description  3.3V 1G-BIT Serial NAND Flash Memory with Quad SPI
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ATO25F1GA-30EC Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button ATO25F1GA-30EC Datasheet HTML 9Page - List of Unclassifed Manufacturers ATO25F1GA-30EC Datasheet HTML 10Page - List of Unclassifed Manufacturers ATO25F1GA-30EC Datasheet HTML 11Page - List of Unclassifed Manufacturers ATO25F1GA-30EC Datasheet HTML 12Page - List of Unclassifed Manufacturers ATO25F1GA-30EC Datasheet HTML 13Page - List of Unclassifed Manufacturers ATO25F1GA-30EC Datasheet HTML 14Page - List of Unclassifed Manufacturers ATO25F1GA-30EC Datasheet HTML 15Page - List of Unclassifed Manufacturers ATO25F1GA-30EC Datasheet HTML 16Page - List of Unclassifed Manufacturers ATO25F1GA-30EC Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 46 page
background image
13/46
Sep.2013. Rev 0.5
1Gbit Serial NAND Flash Memory
4
Data Protection
The environments where non-volatile memory devices are used can be very noisy. No SPI
device can operate correctly in the presence of excessive noise. The block lock feature
provides the ability to protect the entire device, or ranges of blocks, from the PROGRAM and
ERASE operations. After power-up, the device is in the
“locked” state, i.e., bits 3, 4, and 5 of
the block lock register are set to 1. To unlock all the blocks, or a range of blocks, the SET
FEATURES command must be issued with the A0h feature address, including the data bits
shown in Table 6.. The operation for the SET FEATURES command is shown in Figure 13 on
page 25. When BRWD is set and WP is LOW, none of the writable bits (3, 4, 5, and 7) in the
block lock register can be set. Also, when a PROGRAM/ERASE command is issued to a
locked block, a status of C0h is returned. When an ERASE command is issued to a locked
block, the erase failure, 04h, is returned. When a PROGRAM command is issued to a locked
block, program failure, 08h, is returned.
Table 2.
Protected area sizes
BP2
BP1
BP0
Protected Rows
0
0
0
None-all unlocked
0
0
1
Upper 1/64 locked
0
1
0
Upper 1/32 locked
0
1
1
Upper 1/16 locked
1
0
0
Upper 1/8 locked
1
0
1
Upper 1/4 locked
1
1
0
Upper 1/2 locked
1
1
1
All locked (default)
For example, if all the blocks need to be unlocked after power-up, the following sequence
should be performed:
1. Issue SET FEATURES register write (1Fh)
2. Issue the feature address to unlock the block (A0h)
3. Issue 00h on data bits to unlock all blocks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com