Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H725AE Datasheet(PDF) 73 Page - STMicroelectronics

Part # STM32H725AE
Description  Arm® Cortex®-M7 32-bit 550 MHz MCU, up to 1 MB Flash, 564 KB RAM, Ethernet, USB, 3x FD-CAN, Graphics, 2x 16-bit ADCs
PDF  283 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H725AE Datasheet(HTML) 73 Page - STMicroelectronics

Back Button STM32H725AE Datasheet HTML 69Page - STMicroelectronics STM32H725AE Datasheet HTML 70Page - STMicroelectronics STM32H725AE Datasheet HTML 71Page - STMicroelectronics STM32H725AE Datasheet HTML 72Page - STMicroelectronics STM32H725AE Datasheet HTML 73Page - STMicroelectronics STM32H725AE Datasheet HTML 74Page - STMicroelectronics STM32H725AE Datasheet HTML 75Page - STMicroelectronics STM32H725AE Datasheet HTML 76Page - STMicroelectronics STM32H725AE Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 283 page
background image
DS13311 Rev 3
73/282
STM32H725xE/G
Pinouts, pin descriptions and alternate functions
112
31
39
J5
51
AA6
L6
P7
57
PB2
I/O
FT_ha
-
RTC_OUT, SAI4_D1,
SAI1_D1,
DFSDM1_CKIN1,
SAI1_SD_A,
SPI3_MOSI/I2S3_SD
O, SAI4_SD_A,
OCTOSPIM_P1_CLK,
OCTOSPIM_P1_DQS,
ETH_TX_ER,
TIM23_ETR,
EVENTOUT
COMP1_INP
-
-
-
52
-
M6
N7
58
PF11
I/O
FT_ha
-
SPI5_MOSI,
OCTOSPIM_P1_NCL
K, SAI4_SD_B,
FMC_NRAS,
DCMI_D12/PSSI_D12,
TIM24_CH1,
EVENTOUT
ADC1_INP2
-
-
-
-
-
N6
P11
59
PF12
I/O
FT_ha
-
OCTOSPIM_P2_DQS,
FMC_A6, TIM24_CH2,
EVENTOUT
ADC1_INN2,
ADC1_INP6
-
-
-
-
-
G7
N11
60
PF13
I/O
FT_ha
-
DFSDM1_DATIN6,
I2C4_SMBA, FMC_A7,
TIM24_CH3,
EVENTOUT
ADC2_INP2
-
-
-
53
-
H7
R10
61
PF14
I/O
FT_fh
a
-
DFSDM1_CKIN6,
I2C4_SCL, FMC_A8,
TIM24_CH4,
EVENTOUT
ADC2_INN2,
ADC2_INP6
-
-
-
54
-
J7
N10
62
PF15
I/O
FT_fh
-
I2C4_SDA, FMC_A9,
EVENTOUT
-
-
-
-
-
-
K7
P8
63
PG0
I/O
FT_h
-
OCTOSPIM_P2_IO4,
UART9_RX,
FMC_A10,
EVENTOUT
-
-
-
-
55
-
-
-
64
VSS
S
-
-
-
-
--
-
56
-
-
-
65
VDD
S
-
-
-
-
Table 8. STM32H725 pin and ball descriptions (continued)
Pin number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com