Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H725AE Datasheet(PDF) 18 Page - STMicroelectronics

Part # STM32H725AE
Description  Arm® Cortex®-M7 32-bit 550 MHz MCU, up to 1 MB Flash, 564 KB RAM, Ethernet, USB, 3x FD-CAN, Graphics, 2x 16-bit ADCs
PDF  283 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H725AE Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STM32H725AE Datasheet HTML 14Page - STMicroelectronics STM32H725AE Datasheet HTML 15Page - STMicroelectronics STM32H725AE Datasheet HTML 16Page - STMicroelectronics STM32H725AE Datasheet HTML 17Page - STMicroelectronics STM32H725AE Datasheet HTML 18Page - STMicroelectronics STM32H725AE Datasheet HTML 19Page - STMicroelectronics STM32H725AE Datasheet HTML 20Page - STMicroelectronics STM32H725AE Datasheet HTML 21Page - STMicroelectronics STM32H725AE Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 283 page
background image
Description
STM32H725xE/G
18/282
DS13311 Rev 3
Table 2. STM32H725xE/G features and peripheral counts
Peripherals
STM32H
725REV/
RGV
STM32H
725VET/
VGT
STM32H
725VEH/
VGH
STM32H
725ZET/
ZGT
STM32
H725V
GY
STM32H
725AEI/
AGI
STM32H
725IEK/
IGK
STM32H
725IET/
IGT
Flash memory (Kbytes)
512/
1024
512/
1024
512/
1024
512/
1024
1024
512/
1024
512/
1024
512/
1024
SRAM
(Kbytes)
SRAM
mapped onto
AXI bus
128
SRAM1
(D2 domain)
16
SRAM2
(D2 domain)
16
SRAM4
(D3 domain)
16
RAM shared between ITCM
and AXI (Kbytes)
192
TCM RAM in
Kbytes
ITCM RAM
(instruction)
64
DTCM RAM
(data)
128
Backup SRAM (Kbytes)
4
FMC
Interface
1
NOR Flash
memory/
RAM
controller
-
-
-
-
-
yes
yes
yes
Multiplexed
I/O
NOR Flash
memory
-
yes
yes
yes
-
yes
yes
yes
16-bit NAND
Flash memory
-
yes
yes
yes
yes
yes
yes
yes
16-bit SDRAM
controller
-
-
-
-
-
yes
yes
yes
24-bit SDRAM
controller(1)
---
-
-
-
yes
-
GPIO
46
67
74
97
67
121
128
119
Octo-SPI interface
1 Quad-
SPI
1 Quad-
SPI
11
2 Quad-
SPI
22
2
OTFDEC
no
Cordic
yes
FMAC
yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com