Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H725AE Datasheet(PDF) 74 Page - STMicroelectronics

Part # STM32H725AE
Description  Arm® Cortex®-M7 32-bit 550 MHz MCU, up to 1 MB Flash, 564 KB RAM, Ethernet, USB, 3x FD-CAN, Graphics, 2x 16-bit ADCs
PDF  283 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H725AE Datasheet(HTML) 74 Page - STMicroelectronics

Back Button STM32H725AE Datasheet HTML 70Page - STMicroelectronics STM32H725AE Datasheet HTML 71Page - STMicroelectronics STM32H725AE Datasheet HTML 72Page - STMicroelectronics STM32H725AE Datasheet HTML 73Page - STMicroelectronics STM32H725AE Datasheet HTML 74Page - STMicroelectronics STM32H725AE Datasheet HTML 75Page - STMicroelectronics STM32H725AE Datasheet HTML 76Page - STMicroelectronics STM32H725AE Datasheet HTML 77Page - STMicroelectronics STM32H725AE Datasheet HTML 78Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 283 page
background image
Pinouts, pin descriptions and alternate functions
STM32H725xE/G
74/282
DS13311 Rev 3
-
-
-
-
-
L7
N9
66
PG1
I/O
TT_h
-
OCTOSPIM_P2_IO5,
UART9_TX,
FMC_A11,
EVENTOUT
OPAMP2_VINM
-
40
H5
57
N6
G8
P9
67
PE7
I/O
TT_ha
-
TIM1_ETR,
DFSDM1_DATIN2,
UART7_RX,
OCTOSPIM_P1_IO4,
FMC_D4/FMC_AD4,
EVENTOUT
OPAMP2_
VOUT,
COMP2_INM
-
41
J6
58
V5
H8
N8
68
PE8
I/O
TT_ha
-
TIM1_CH1N,
DFSDM1_CKIN2,
UART7_TX,
OCTOSPIM_P1_IO5,
FMC_D5/FMC_AD5,
COMP2_OUT,
EVENTOUT
OPAMP2_VINM
-
-
K6
59
-
J8
R11
69
PE9
I/O
TT_ha
-
TIM1_CH1,
DFSDM1_CKOUT,
UART7_RTS/UART7_
DE,
OCTOSPIM_P1_IO6,
FMC_D6/FMC_AD6,
EVENTOUT
OPAMP2_VINP,
COMP2_INP
-
-
-
-
Y5
-
-
70
VSS
S
-
-
-
-
--
-
-
AA4
-
-
71
VDD
S
-
-
-
-
-
-
H6
60
-
M8
R9
72
PE10
I/O
FT_ha
-
TIM1_CH2N,
DFSDM1_DATIN4,
UART7_CTS,
OCTOSPIM_P1_IO7,
FMC_D7/FMC_AD7,
EVENTOUT
COMP2_INM
-
-
-
61
-
N8
R12
73
PE11
I/O
FT_ha
-
TIM1_CH2,
DFSDM1_CKIN4,
SPI4_NSS(boot),
SAI4_SD_B,
OCTOSPIM_P1_NCS,
FMC_D8/FMC_AD8,
LCD_G3, EVENTOUT
COMP2_INP
Table 8. STM32H725 pin and ball descriptions (continued)
Pin number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com