Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2512I Datasheet(PDF) 30 Page - Microchip Technology

Part # USB2512I
Description  USB 2.0 Hi-Speed Hub Controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2512I Datasheet(HTML) 30 Page - Microchip Technology

Back Button USB2512I Datasheet HTML 26Page - Microchip Technology USB2512I Datasheet HTML 27Page - Microchip Technology USB2512I Datasheet HTML 28Page - Microchip Technology USB2512I Datasheet HTML 29Page - Microchip Technology USB2512I Datasheet HTML 30Page - Microchip Technology USB2512I Datasheet HTML 31Page - Microchip Technology USB2512I Datasheet HTML 32Page - Microchip Technology USB2512I Datasheet HTML 33Page - Microchip Technology USB2512I Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 57 page
background image
USB251xB/xBi
DS00001692C-page 30
 2010 - 2015 Microchip Technology Inc.
5.1.30
REGISTER FBH: PORTMAP 12
Bit Number
Bit Name
Description
7:0
PRTR12
PortMap Register for Ports 1 and 2: When a hub is enumerated by a USB
host controller, the hub is only permitted to report how many ports it has; the
hub is not permitted to select a numerical range or assignment. The host
controller will number the downstream ports of the hub starting with the
number 1, up to the number of ports that the hub reports having.
The host's port number is called the Logical Port Number and the physical
port on the hub is the Physical Port Number. When mapping mode is enabled
(see PRTMAP_EN, Section 5.1.9 on page 23) the hub's downstream port
numbers can be mapped to different logical port numbers (assigned by the
host).
Note:
Contiguous logical port numbers must be implemented, starting from
number 1 up to the maximum number of enabled ports. This ensures
that the hub's ports are numbered in accordance with the way a host
will communicate with the ports.
Bit [7:4]
0000
Physical port 2 is disabled
0001
Physical port 2 is mapped to logical port 1
0010
Physical port 2 is mapped to logical port 2
0011
Physical port 2 is mapped to logical port 3
0100
Physical port 2 is mapped to logical port 4
1000
to
1111
rsvd, will default to 0000 value
Bit [3:0]
0000
Physical port 1 is disabled
0001
Physical port 1 is mapped to logical port 1
0010
Physical port 1 is mapped to logical port 2
0011
Physical port 1 is mapped to logical port 3
0100
Physical port 1 is mapped to logical port 4
1000
to
1111
rsvd, will default to 0000 value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com