Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2512I Datasheet(PDF) 44 Page - Microchip Technology

Part # USB2512I
Description  USB 2.0 Hi-Speed Hub Controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2512I Datasheet(HTML) 44 Page - Microchip Technology

Back Button USB2512I Datasheet HTML 40Page - Microchip Technology USB2512I Datasheet HTML 41Page - Microchip Technology USB2512I Datasheet HTML 42Page - Microchip Technology USB2512I Datasheet HTML 43Page - Microchip Technology USB2512I Datasheet HTML 44Page - Microchip Technology USB2512I Datasheet HTML 45Page - Microchip Technology USB2512I Datasheet HTML 46Page - Microchip Technology USB2512I Datasheet HTML 47Page - Microchip Technology USB2512I Datasheet HTML 48Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 57 page
background image
USB251xB/xBi
DS00001692C-page 44
 2010 - 2015 Microchip Technology Inc.
7.0
AC SPECIFICATIONS
7.1
Oscillator/Crystal
Crystal: Parallel resonant, fundamental mode, 24 MHz
350 ppm.
Note 7-1
C0 is usually included (subtracted by the crystal manufacturer) in the specification for CL and should
be set to 0 for use in the calculation of the capacitance formulas in Figure 7-2. However, the PCB
itself may present a parasitic capacitance between XTALIN and XTALOUT. For an accurate
calculation of C1 and C2, take the parasitic capacitance between traces XTALIN and XTALOUT into
account.
Note 7-2
Each of these capacitance values is typically around 18 pF.
Note:
The USB251xB/xBi contains an internal 1 M
 resistor between the XTALIN and XTALOUT pins.
FIGURE 7-1:
TYPICAL CRYSTAL CIRCUIT
TABLE 7-1:
CRYSTAL CIRCUIT LEGEND
Symbol
Description
In Accordance with
C0
Crystal shunt capacitance
Crystal manufacturer’s specification (Note 7-1)
CL
Crystal load capacitance
CB
Total board or trace capacitance
OEM board design
CS
Stray capacitance
Microchip IC and OEM board design
CXTAL
XTAL pin input capacitance
Microchip IC
C1
Load capacitors installed on OEM
board
Calculated values based on Figure 7-2 (Note 7-2)
C2
FIGURE 7-2:
FORMULA TO FIND THE VALUE OF C1 AND C2
C 1
C 2
C L
Cry s ta l
XT AL O U T
(C S2 = C B2 + C XTAL2 )
XT AL IN
(C S1 = C B1 + C XTAL1 )
C 0
C1 = 2 x (CL – C0) – CS1
C2 = 2 x (CL – C0) – CS2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com