Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2512I Datasheet(PDF) 1 Page - Microchip Technology

Part # USB2512I
Description  USB 2.0 Hi-Speed Hub Controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2512I Datasheet(HTML) 1 Page - Microchip Technology

  USB2512I Datasheet HTML 1Page - Microchip Technology USB2512I Datasheet HTML 2Page - Microchip Technology USB2512I Datasheet HTML 3Page - Microchip Technology USB2512I Datasheet HTML 4Page - Microchip Technology USB2512I Datasheet HTML 5Page - Microchip Technology USB2512I Datasheet HTML 6Page - Microchip Technology USB2512I Datasheet HTML 7Page - Microchip Technology USB2512I Datasheet HTML 8Page - Microchip Technology USB2512I Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 57 page
background image
 2010 - 2015 Microchip Technology Inc.
DS00001692C-page 1
General Description
The Microchip USB251xB/xBi hub is a family of low-
power, configurable, MTT (multi transaction translator)
hub controller IC products for embedded USB solu-
tions. The x in the part number indicates the number of
downstream ports available, while the B indicates bat-
tery charging support. The Microchip hub supports low-
speed, full-speed, and hi-speed (if operating as a hi-
speed hub) downstream devices on all of the enabled
downstream ports.
Highlights
• High performance, low-power, small footprint hub
controller IC with 2, 3, or 4 downstream ports
• Fully compliant with the USB 2.0 Specification [1]
• Enhanced OEM configuration options available
through either a single serial I2C EEPROM, or
SMBus slave port
• MultiTRAKTM
- High-performance multiple transaction trans-
lator which provides one transaction transla-
tor per port
• PortMap
- Flexible port mapping and disable sequenc-
ing
• PortSwap
- Programmable USB differential-pair pin loca-
tions ease PCB design by aligning USB sig-
nal lines directly to connectors
• PHYBoost
- Programmable USB signal drive strength for
recovering signal integrity using 4-level driv-
ing strength resolution
Features
• USB251xB/xBi products are fully footprint com-
patible with USB251x/xi/xA/xAi products as direct
drop-in replacements
—
Cost savings include using the same PCB
components and application of USB-IF Compliance
by Similarity
• Full power management with individual or ganged
power control of each downstream port
• Fully integrated USB termination and pull-up/pull-
down resistors
• Supports a single external 3.3 V supply source;
internal regulators provide 1.2 V internal core volt-
age
• Onboard 24 MHz crystal driver or external
24 MHz clock input
• Customizable vendor ID, product ID, and device
ID
• 4 kilovolts of HBM JESD22-A114F ESD protection
(powered and unpowered)
• Supports self- or bus-powered operation
• Supports the USB Battery Charging specification
Rev. 1.1 for Charging Downstream Ports (CDP)
• The USB251xB/xBi offers the following packages:
- 36-pin SQFN (6x6 mm) (Preferred)
- 36-pin QFN (6x6 mm) (Legacy)
• USB251xBi products support the industrial tem-
perature range of -40ºC to +85ºC
• USB251xB products support the extended com-
mercial temperature range of 0ºC to +85ºC
Applications
• LCD monitors and TVs
• Multi-function USB peripherals
• PC motherboards
• Set-top boxes, DVD players, DVR/PVR
• Printers and scanners
• PC media drive bay
• Portable hub boxes
• Mobile PC docking
• Embedded systems
USB251xB/xBi
USB 2.0 Hi-Speed Hub Controller


Similar Part No. - USB2512I

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
USB2512I SMSC-USB2512I Datasheet
848Kb / 37P
Industrial Temperature Rated USB 2.0 High-Speed 2-Port Hub Controller
logo
Microchip Technology
USB2512I MICROCHIP-USB2512I Datasheet
861Kb / 63P
USB 2.0 Hi-Speed Hub Controller
Revision 2.2 02-17-12
USB2512I MICROCHIP-USB2512I Datasheet
887Kb / 57P
USB 2.0 Hi-Speed Hub Controller
07/14/15
USB2512I MICROCHIP-USB2512I Datasheet
1,017Kb / 57P
USB 2.0 Hi-Speed Hub Controller
10-20-15
logo
SMSC Corporation
USB2512I-AEZG SMSC-USB2512I-AEZG Datasheet
848Kb / 37P
Industrial Temperature Rated USB 2.0 High-Speed 2-Port Hub Controller
More results

Similar Description - USB2512I

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
USB2517 SMSC-USB2517 Datasheet
1Mb / 72P
USB 2.0 Hi-Speed Hub Controller
USB2512B-AEZG SMSC-USB2512B-AEZG_12 Datasheet
1Mb / 63P
USB 2.0 Hi-Speed Hub Controller
USB2533 SMSC-USB2533 Datasheet
891Kb / 61P
USB 2.0 Hi-Speed 3-Port Hub Controller
logo
Microchip Technology
USB2512B-AEZG-TR MICROCHIP-USB2512B-AEZG-TR Datasheet
861Kb / 63P
USB 2.0 Hi-Speed Hub Controller
Revision 2.2 02-17-12
logo
SMSC Corporation
USB2514B-AEZC-TR SMSC-USB2514B-AEZC-TR Datasheet
1Mb / 63P
USB 2.0 Hi-Speed Hub Controller
logo
Microchip Technology
USB2512 MICROCHIP-USB2512 Datasheet
887Kb / 57P
USB 2.0 Hi-Speed Hub Controller
07/14/15
USB2534 MICROCHIP-USB2534 Datasheet
543Kb / 52P
USB 2.0 Hi-Speed 4-Port Hub Controller
03/25/14
USB2517 MICROCHIP-USB2517 Datasheet
785Kb / 58P
USB 2.0 Hi-Speed 7-Port Hub Controller
07/14/15
USB2512B MICROCHIP-USB2512B Datasheet
887Kb / 57P
USB 2.0 Hi-Speed Hub Controller
07/14/15
USB251XB MICROCHIP-USB251XB Datasheet
1,017Kb / 57P
USB 2.0 Hi-Speed Hub Controller
10-20-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com