Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2512AI Datasheet(PDF) 45 Page - Microchip Technology

Part # USB2512AI
Description  USB 2.0 Hi-Speed Hub Controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2512AI Datasheet(HTML) 45 Page - Microchip Technology

Back Button USB2512AI Datasheet HTML 41Page - Microchip Technology USB2512AI Datasheet HTML 42Page - Microchip Technology USB2512AI Datasheet HTML 43Page - Microchip Technology USB2512AI Datasheet HTML 44Page - Microchip Technology USB2512AI Datasheet HTML 45Page - Microchip Technology USB2512AI Datasheet HTML 46Page - Microchip Technology USB2512AI Datasheet HTML 47Page - Microchip Technology USB2512AI Datasheet HTML 48Page - Microchip Technology USB2512AI Datasheet HTML 49Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 57 page
background image
 2010 - 2015 Microchip Technology Inc.
DS00001692C-page 45
USB251xB/xBi
7.2
External Clock
50% duty cycle
 10%, 24 MHz  350 ppm, jitter < 100 ps rms.
The external clock is recommended to conform to the signaling level designated in the JESD76-2 Specification [5] on
1.2 V CMOS Logic. XTALOUT should be treated as a weak (<1mA) buffer output.
7.2.1
SMBUS INTERFACE
The hub conforms to all voltage, power, and timing characteristics and specifications as set forth in the SMBus 1.0 Spec-
ification
[3] for slave-only devices (except as noted in Section 5.3, "SMBus," on page 33.
7.2.2
I2C EEPROM
Clock frequency is fixed at 60 kHz
 20
7.2.3
USB 2.0
The Microchip hub conforms to all voltage, power, and timing characteristics and specifications as set forth in the USB
2.0 Specification
[1].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com