Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2512AI Datasheet(PDF) 53 Page - Microchip Technology

Part # USB2512AI
Description  USB 2.0 Hi-Speed Hub Controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2512AI Datasheet(HTML) 53 Page - Microchip Technology

Back Button USB2512AI Datasheet HTML 49Page - Microchip Technology USB2512AI Datasheet HTML 50Page - Microchip Technology USB2512AI Datasheet HTML 51Page - Microchip Technology USB2512AI Datasheet HTML 52Page - Microchip Technology USB2512AI Datasheet HTML 53Page - Microchip Technology USB2512AI Datasheet HTML 54Page - Microchip Technology USB2512AI Datasheet HTML 55Page - Microchip Technology USB2512AI Datasheet HTML 56Page - Microchip Technology USB2512AI Datasheet HTML 57Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 53 / 57 page
background image
 2010 - 2015 Microchip Technology Inc.
DS00001692C-page 53
USB251xB/xBi
Section 1.1, "Configurable
Features," on page 4
Updated bulleted lists. USB signal drive strength,
USB differential pair pin location and downstream
port power control / over-current detection items
moved from first (strap-configurable) bulleted list to
the second (EEPROM-configurable) bulleted list.
Added enabling of battery charging to the first
bulleted list.
Section 3.1, "Pin
Configurations," on page 7
Clarified introductory sentence.
Table 3-2, “USB251xB/xBi Pin
Descriptions,” on page 12
Updated VBUS_DET buffer type to “I” and changed
description to: “For self-powered applications with a
permanently attached host, this pin must be
connected to a dedicated host control output, or
connected to the 3.3 V domain that powers the
host (typically VDD33).”
Table 3-2, “USB251xB/xBi Pin
Descriptions,” on page 12
Updated CRFILT and PLLFILT pin descriptions.
Section 7.1,
"Oscillator/Crystal," on
page 44
Removed redundant sentence: “External Clock:
50% duty cycle
 10%, 24/48 MHz  350 ppm, jitter
< 100 ps rms”. This information is provided in
Section 7.2, "External Clock," on page 45.
Section 7.0, "AC
Specifications"
Removed ceramic resonator information.
Section 7.2, "External Clock"
Replaced “1.8 V CMOS Logic” with “1.2 V CMOS
Logic”. Updated XTALOUT description.
Section 3.3, "Pin Descriptions
(Grouped by Function)"
Updated CRFILT and PLLFILT pin descriptions.
Cover, Package, All
Removed the 49-BGA option.
Order Code Page
Changed ordering codes for non-industrial
USB2513B and USB2514B. Last character was
changed from “G” to “C”.
Front page
Removed support for ceramic resonator.
Rev. 2.1 (02-22-11)
Section 6.2.1, Package
Thermal Specifications
Added Max Power Supported = (TJ, max.spec. - Tamb)/ ΘJA
Rev. 2.0 (10-01-10)
All
General refresh, corrected grammatical errors and
unified tone.
TABLE C-1:
REVISION HISTORY (CONTINUED)
Revision Level & Date
Section/Figure/Entry
Correction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com