Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2512AI Datasheet(PDF) 12 Page - Microchip Technology

Part # USB2512AI
Description  USB 2.0 Hi-Speed Hub Controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2512AI Datasheet(HTML) 12 Page - Microchip Technology

Back Button USB2512AI Datasheet HTML 8Page - Microchip Technology USB2512AI Datasheet HTML 9Page - Microchip Technology USB2512AI Datasheet HTML 10Page - Microchip Technology USB2512AI Datasheet HTML 11Page - Microchip Technology USB2512AI Datasheet HTML 12Page - Microchip Technology USB2512AI Datasheet HTML 13Page - Microchip Technology USB2512AI Datasheet HTML 14Page - Microchip Technology USB2512AI Datasheet HTML 15Page - Microchip Technology USB2512AI Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 57 page
background image
USB251xB/xBi
DS00001692C-page 12
 2010 - 2015 Microchip Technology Inc.
3.3
Pin Descriptions (Grouped by Function)
An N at the end of a signal name indicates that the active (asserted) state occurs when the signal is at a low voltage
level. When the N is not present, the signal is asserted when it is at a high voltage level. The terms assertion and nega-
tion are used exclusively in order to avoid confusion when working with a mixture of active low and active high signals.
The term assert, or assertion, indicates that a signal is active, independent of whether that level is represented by a high
or low voltage. The term negate, or negation, indicates that a signal is inactive.
TABLE 3-2:
USB251XB/XBI PIN DESCRIPTIONS
Symbol
Buffer
Type
Description
UPSTREAM USB 2.0 INTERFACES
USBDM_UP
USBDP_UP
IO-U
USB Data: connect to the upstream USB bus data signals (host, port, or upstream
hub).
VBUS_DET
I
Detect Upstream VBUS Power: detects the state of the upstream VBUS power.
The hub monitors VBUS_DET to determine when to assert the internal D+ pull-up
resistor: (signaling a connect event).
When designing a detachable hub, this pin should be connected to VBUS on the
upstream port via a 2:1 voltage divider. Two 100 k
 resistors are suggested.
For self-powered applications with a permanently attached host, this pin must be
connected to a dedicated host control output, or connected to the 3.3 V domain
that powers the host (typically VDD33).
DOWNSTREAM USB 2.0 INTERFACES
USBDP_DN[x:1]/P
RT_DIS_P[x:1]
IO-U
Hi-Speed USB Data: connect to the downstream USB peripheral devices attached
to the hub’s port. To disable, use a 10 k
 pull-up resistor to 3.3 V.
USBDM_DN[x:1]/P
RT_DIS_M[x:1]
Downstream Port Disable Strap Option: when enabled by package and
configuration settings (see Table 5-1 on page 19), this pin is sampled at RESET_N
negation to determine if the port is disabled.
To disable a port, pull up both PRT_DIS_M[x:1] and PRT_DIS_P[x:1] pins for the
corresponding port number(s). See Section 3.3.1, on page 14 for pull up details.
PRTPWR[x:1]/
O12
USB Power Enable: enables power to USB peripheral devices downstream.
BC_EN[x:1]
IPD
Battery Charging Strap Option: when enabled by package and configuration
settings (see Table 5-1), the pin will be sampled at RESET_N negation to
determine if ports [x:1] support the battery charging protocol. When supporting the
battery charging protocol, the hub also supports external port power controllers.
The battery charging protocol enables a device to draw the currents per the USB
battery charging specification. See Section 3.3.1, on page 14 for strap pin details.
1
: Battery charging feature is supported for port x
0
: Battery charging feature is not supported for port x
OCS_N[x:1]
IPU
Over-Current Sense: input from external current monitor indicating an over-current
condition.
RBIAS
I-R
USB Transceiver Bias: a 12.0 k
 (+/- 1%) resistor is attached from ground to this
pin to set the transceiver’s internal bias settings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com