Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46R46E Datasheet(PDF) 21 Page - Holtek Semiconductor Inc

Part # HT46R46E
Description  Cost-Effective A/D Type 8-Bit MCU
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R46E Datasheet(HTML) 21 Page - Holtek Semiconductor Inc

Back Button HT46R46E Datasheet HTML 17Page - Holtek Semiconductor Inc HT46R46E Datasheet HTML 18Page - Holtek Semiconductor Inc HT46R46E Datasheet HTML 19Page - Holtek Semiconductor Inc HT46R46E Datasheet HTML 20Page - Holtek Semiconductor Inc HT46R46E Datasheet HTML 21Page - Holtek Semiconductor Inc HT46R46E Datasheet HTML 22Page - Holtek Semiconductor Inc HT46R46E Datasheet HTML 23Page - Holtek Semiconductor Inc HT46R46E Datasheet HTML 24Page - Holtek Semiconductor Inc HT46R46E Datasheet HTML 25Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 45 page
background image
HT46R46E/HT46C46E
Rev. 1.30
21
July 19, 2005
Low Voltage Reset
- LVR
The microcontroller provides low voltage reset circuit in
order to monitor the supply voltage of the device. If the
supply voltage of the device is within the range
0.9V~3.3V, such as changing a battery, the LVR will au-
tomatically reset the device internally.
The LVR includes the following specifications:
· The low voltage (0.9V~V
LVR) has to remain in their
original state to exceed 1ms. If the low voltage state
does not exceed 1ms, the LVR will ignore it and do not
perform a reset function.
· The LVR uses the
²OR² function with the external RES
signal to perform chip reset.
The relationship between VDD and VLVR is shown below.
Note:
VOPR is the voltage range for proper chip
operation at 4MHz system clock.
Options
The following table shows all kinds of options in the
microcontroller. All of the options must be defined to en-
sure proper system functioning.
No.
Options
1
WDT clock source: WDTOSC or fTID
2
WDT function: enable or disable
3
CLRWDT instruction(s): one or two clear WDT
instruction(s)
4
System oscillator: RC or crystal
5
Pull-high resistors (PA, PB, PD): none or pull-high
6
PWM enable or disable
7
PA0~PA7 wake-up: enable or disable
8
PFD enable or disable
9
Low voltage reset selection: enable or disable
LVR function.
5 . 5 V
3 . 0 V
2 . 2 V
0 . 9 V
V D D
V O P R
V L V R
5 . 5 V
V D D
5 . 5 V
V L V R
0 . 9 V
0 V
R e s e t S i g n a l
R e s e t
* 1
* 2
N o r m a l O p e r a t i o n
R e s e t
L V R D e t e c t V o l t a g e
Low Voltage Reset
Note:
*1: To make sure that the system oscillator has stabilized, the SST provides an extra delay of 1024 system
clock pulses before entering the normal operation.
*2: Since the low voltage has to maintain in its original state and exceed 1ms, therefore 1ms delay enter the
reset mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com