Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46R46E Datasheet(PDF) 22 Page - Holtek Semiconductor Inc

Part # HT46R46E
Description  Cost-Effective A/D Type 8-Bit MCU
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R46E Datasheet(HTML) 22 Page - Holtek Semiconductor Inc

Back Button HT46R46E Datasheet HTML 18Page - Holtek Semiconductor Inc HT46R46E Datasheet HTML 19Page - Holtek Semiconductor Inc HT46R46E Datasheet HTML 20Page - Holtek Semiconductor Inc HT46R46E Datasheet HTML 21Page - Holtek Semiconductor Inc HT46R46E Datasheet HTML 22Page - Holtek Semiconductor Inc HT46R46E Datasheet HTML 23Page - Holtek Semiconductor Inc HT46R46E Datasheet HTML 24Page - Holtek Semiconductor Inc HT46R46E Datasheet HTML 25Page - Holtek Semiconductor Inc HT46R46E Datasheet HTML 26Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 45 page
background image
HT46R46E/HT46C46E
Rev. 1.30
22
July 19, 2005
Data EEPROM Functional Description
· Serial clock (SCL)
The SCL input is used for positive edge clock data into
each EEPROM device and negative edge clock data
out of each device.
· Serial data (SDA)
The SDA pin is bidirectional for serial data transfer.
The pin is open-drain driven and may be wired-OR
with any number of other open-drain or open collector
devices.
Memory Organization
· 1K Serial EEPROM
Internally organized with 128 8-bit words, the 1K re-
quires an 8-bit data word address for random word ad-
dressing.
Device Operations
· Clock and data transition
Data transfer may be initiated only when the bus is not
busy. During data transfer, the data line must remain
stable whenever the clock line is high. Changes in
data line while the clock line is high will be interpreted
as a START or STOP condition.
· Start condition
A high-to-low transition of SDA with SCL high is a start
condition which must precede any other command
(refer to Start and Stop Definition Timing diagram).
· Stop condition
A low-to-high transition of SDA with SCL high is a stop
condition. After a read sequence, the stop command
will place the EEPROM in a standby power mode (re-
fer to Start and Stop Definition Timing Diagram).
· Acknowledge
All addresses and data words are serially transmitted
to and from the EEPROM in 8-bit words. The
EEPROM sends a zero to acknowledge that it has re-
ceived each word. This happens during the ninth clock
cycle.
Device Addressing
The 1K EEPROM devices all require an 8-bit device ad-
dress word following a start condition to enable the chip
for a read or write operation. The device address word
consist of a mandatory one, zero sequence for the first
four most significant bits (refer to the diagram showing
the Device Address). This is common to all the
EEPROM device.
The next three bits are the fixed to be
²0².
The 8th bit of device address is the read/write operation
select bit. A read operation is initiated if this bit is high
and a write operation is initiated if this bit is low.
If the comparison of the device address succeed the
EEPROM will output a zero at ACK bit. If not, the chip will
return to a standby state.
Write Operations
· Byte write
A write operation requires an 8-bit data word address
following the device address word and acknowledg-
ment. Upon receipt of this address, the EEPROM will
again respond with a zero and then clock in the first
8-bit data word. After receiving the 8-bit data word, the
EEPROM will output a zero and the addressing de-
vice, such as a microcontroller, must terminate the
write sequence with a stop condition. At this time the
EEPROM enters an internally-timed write cycle to the
non-volatile memory. All inputs are disabled during
this write cycle and EEPROM will not respond until the
write is completed (refer to Byte write timing).
· Acknowledge polling
To maximise bus throughput, one technique is to allow
the master to poll for an acknowledge signal after the
start condition and the control byte for a write com-
mand have been sent. If the device is still busy imple-
menting its write cycle, then no ACK will be returned.
The master can send the next read/write command
when the ACK signal has finally been received.
S C L
S D A
D a t a a l l o w e d
t o c h a n g e
A d d r e s s o r
a c k n o w l e d g e
v a l i d
S t o p
c o n d i t i o n
S t a r t
c o n d i t i o n
N o A C K
s t a t e
R / W
1
0
0
0
0
D e v i c e A d d r e s s
1
0
R / W
S
P
D e v i c e a d d r e s s
W o r d a d d r e s s
D A T A
A C K
S t o p
S t a r t
S D A
A C K
A C K
Byte Write Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com