Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46R46E Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT46R46E
Description  Cost-Effective A/D Type 8-Bit MCU
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R46E Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT46R46E Datasheet HTML 1Page - Holtek Semiconductor Inc HT46R46E Datasheet HTML 2Page - Holtek Semiconductor Inc HT46R46E Datasheet HTML 3Page - Holtek Semiconductor Inc HT46R46E Datasheet HTML 4Page - Holtek Semiconductor Inc HT46R46E Datasheet HTML 5Page - Holtek Semiconductor Inc HT46R46E Datasheet HTML 6Page - Holtek Semiconductor Inc HT46R46E Datasheet HTML 7Page - Holtek Semiconductor Inc HT46R46E Datasheet HTML 8Page - Holtek Semiconductor Inc HT46R46E Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 45 page
background image
Pin Assignment
Pad Description
Pad Name
I/O
Options
Description
PA0~PA2
PA3/PFD
PA4/TMR
PA5/INT
PA6, PA7
I/O
Pull-high
Wake-up
PA3 or PFD
Bidirectional 8-bit input/output port. Each bit can be configured as wake-up
input by options. Software instructions determine the CMOS output or
Schmitt trigger input with or without pull-high resistor (determined by pull-high
options: bit option). The PFD, TMR and INT are pin-shared with PA3, PA4
and PA5, respectively.
PB0/AN0
PB1/AN1
PB2/AN2
SCL/PB3/AN3
I/O
Pull-high
Bidirectional 4-bit input/output port. Software instructions determine the
CMOS output, Schmitt trigger input with or without pull-high resistor (deter-
mined by pull-high options: bit option) or A/D input.
Once a PB line is selected as an A/D input (by using software control), the
I/O function and pull-high resistor are disabled automatically.
PB3/AN3 is wire-bonded with SCL pad of the Data EEPROM
SDA/PD0/PWM
I/O
Pull-high
PD0 or PWM
Bidirectional I/O line. Software instructions determine the CMOS output,
Schmitt trigger input with or without a pull-high resistor (determined by
pull-high options: bit option). The PWM output function is pin-shared with
PD0 (dependent on PWM options).
PD0/PWM is wire-bonded with SDA pad of the Data EEPROM.
RES
I
¾
Schmitt trigger reset input. Active low.
VDD
¾¾
Positive power supply
VSS
¾¾
Negative power supply, ground.
OSC1
OSC2
I
O
Crystal or RC
OSC1, OSC2 are connected to an RC network or a Crystal (determined by
options) for the internal system clock. In the case of RC operation, OSC2 is
the output terminal for 1/4 system clock.
Absolute Maximum Ratings
Supply Voltage ...........................VSS
-0.3V to VSS+6.0V
Storage Temperature ............................
-50°Cto125°C
Input Voltage..............................VSS
-0.3V to VDD+0.3V
Operating Temperature...........................
-40°Cto85°C
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those
listed in the specification is not implied and prolonged exposure to extreme conditions may affect device reliabil-
ity.
HT46R46E/HT46C46E
Rev. 1.30
3
July 19, 2005
P A 4 / T M R
P A 5 / I N T
P A 6
P A 7
O S C 2
O S C 1
V D D
R E S
S D A / P D 0 / P W M
P A 3 / P F D
P A 2
P A 1
P A 0
S C L / P B 3 / A N 3
P B 2 / A N 2
P B 1 / A N 1
P B 0 / A N 0
V S S
1 8
1 7
1 6
1 5
1 4
1 3
1 2
1 1
1 0
1
2
3
4
5
6
7
8
9
H T 4 6 R 4 6 E / H T 4 6 C 4 6 E
1 8 D I P - A / S O P - A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com