Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46R53 Datasheet(PDF) 13 Page - Holtek Semiconductor Inc

Part # HT46R53
Description  A/D Type 8-Bit OTP MCU
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R53 Datasheet(HTML) 13 Page - Holtek Semiconductor Inc

Back Button HT46R53 Datasheet HTML 9Page - Holtek Semiconductor Inc HT46R53 Datasheet HTML 10Page - Holtek Semiconductor Inc HT46R53 Datasheet HTML 11Page - Holtek Semiconductor Inc HT46R53 Datasheet HTML 12Page - Holtek Semiconductor Inc HT46R53 Datasheet HTML 13Page - Holtek Semiconductor Inc HT46R53 Datasheet HTML 14Page - Holtek Semiconductor Inc HT46R53 Datasheet HTML 15Page - Holtek Semiconductor Inc HT46R53 Datasheet HTML 16Page - Holtek Semiconductor Inc HT46R53 Datasheet HTML 17Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
HT46R53/HT46R54
Rev. 1.40
13
July 12, 2005
t S S T + t O P D
R E S
V D D
S S T T i m e - o u t
C h i p R e s e t
Reset Timing Chart
R E S
V D D
1 0 0 k W
1 0 k W
0 . 1 m F *
0 . 0 1 m F *
Reset Circuit
Note:
²*² Make the length of the wiring, which is con-
nected to the RES pin as short as possible, to
avoid noise interference.
W a r m R e s e t
W D T
H A L T
C o l d
R e s e t
R E S
P o w e r - o n D e t e c t i o n
S S T
1 0 - b i t R i p p l e
C o u n t e r
O S C 1
W D T
E x t e r n a l
T i m e - o u t
R e s e t
Reset Configuration
The register states are summarized below:
Register
Reset(Power On)
WDT Time-out
(Normal Operation)
RES Reset
(Normal Operation)
RES Reset
(HALT)
WDT Time-out
(HALT)*
TMR
xxxx xxxx
xxxx xxxx
xxxx xxxx
xxxx xxxx
uuuu uuuu
TMRC
00-0 1000
00-0 1000
00-0 1000
00-0 1000
uu-u uuuu
Program
Counter
0000H
0000H
0000H
0000H
0000H
MP0
-xxx xxxx
-xxx xxxx
-xxx xxxx
-xxx xxxx
-uuu uuuu
MP1
-xxx xxxx
-xxx xxxx
-xxx xxxx
-xxx xxxx
-uuu uuuu
ACC
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
TBLP
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
TBLH
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
STATUS
--00 xxxx
--1u uuuu
--uu uuuu
--01 uuuu
--11 uuuu
INTC
-000 0000
-000 0000
-000 0000
-000 0000
-uuu uuuu
PA
1111 1111
1111 1111
1111 1111
1111 1111
uuuu uuuu
PAC
1111 1111
1111 1111
1111 1111
1111 1111
uuuu uuuu
PB
1111 1111
1111 1111
1111 1111
1111 1111
uuuu uuuu
PBC
1111 1111
1111 1111
1111 1111
1111 1111
uuuu uuuu
PC
---1 1111
---1 1111
---1 1111
---1 1111
---u uuuu
PCC
---1 1111
---1 1111
---1 1111
---1 1111
---u uuuu
PD
---- ---1
---- ---1
---- ---1
---- ---1
---- ---u
PDC
---- ---1
---- ---1
---- ---1
---- ---1
---- ---u
PWM
xxxx xxxx
xxxx xxxx
xxxx xxxx
xxxx xxxx
uuuu uuuu
ADRL
xxxx ----
xxxx ----
xxxx ----
xxxx ----
uuuu ----
ADRH
xxxx xxxx
xxxx xxxx
xxxx xxxx
xxxx xxxx
uuuu uuuu
ADCR
0100 0000
0100 0000
0100 0000
0100 0000
uuuu uuuu
ACSR
---- --00
---- --00
---- --00
---- --00
---- --uu
Note:
²*² stands for ²warm reset²
²u² stands for ²unchanged²
²x² stands for ²unknown²



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com