Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46R53 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT46R53
Description  A/D Type 8-Bit OTP MCU
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R53 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT46R53 Datasheet HTML 1Page - Holtek Semiconductor Inc HT46R53 Datasheet HTML 2Page - Holtek Semiconductor Inc HT46R53 Datasheet HTML 3Page - Holtek Semiconductor Inc HT46R53 Datasheet HTML 4Page - Holtek Semiconductor Inc HT46R53 Datasheet HTML 5Page - Holtek Semiconductor Inc HT46R53 Datasheet HTML 6Page - Holtek Semiconductor Inc HT46R53 Datasheet HTML 7Page - Holtek Semiconductor Inc HT46R53 Datasheet HTML 8Page - Holtek Semiconductor Inc HT46R53 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
Pin Description
Pin Name
I/O
Options
Description
PA0~PA2
PA3/PFD
PA4/TMR
PA5/INT
PA6~PA7
I/O
Pull-high
Wake-up
PA3 or PFD
Bidirectional 8-bit input/output port. Each individual bit on this port can be
configured as a wake-up input by configuration option. Software instruc-
tions determine if the pin is a CMOS output or Schmitt trigger input. Config-
uration options determine which pin on this port have pull-high resistors.
The PFD, TMR and external interrupt input are pin-shared with PA3, PA4,
and PA5 respectively.
PB0/AN0~
PB7/AN7
I/O
Pull-high
Bidirectional 8-bit input/output port. Software instructions determine the
CMOS output or Schmitt trigger input with or without pull-high resistor.
Configuration options determine which pin on this port have pull-high resis-
tors. PB is pin-shared with the A/D input pins. The A/D inputs are selected
via software instructions Once selected as an A/D input, the I/O function
and pull-high resistor functions are disabled automatically.
PC0~PC4
I/O
Pull-high
Bidirectional 5-bit input/output port. Software instructions determine the
CMOS output or Schmitt trigger input with or without pull-high resistor.
Configuration options determine which pin on this port have pull-high resis-
tors.
PD0/PWM
I/O
Pull-high
PD0 or PWM
Bidirectional 1-bit input/output port. Software instructions determine the
CMOS output or Schmitt trigger input with or without pull-high resistor. One
configuration option determines which pin on this port has pull-high resis-
tor. PD0 is pin-shared with the PWM output selected via configuration op-
tion.
OSC1
OSC2
I
O
Crystal or RC
OSC1, OSC2 are connected to an external RC network or external crystal
(determined by configuration option) for the internal system clock. For ex-
ternal RC system clock operation, OSC2 is an output pin for 1/4 system
clock.
RES
I
¾
Schmitt trigger reset input, active low.
VDD
¾¾
Positive power supply
VSS
¾¾
Negative power supply, ground
VREF
I
¾
A/D Converter Reference Input voltage pins. Connect this pin to the de-
sired A/D reference voltage.
Absolute Maximum Ratings
Supply Voltage ...........................VSS
-0.3V to VSS+6.0V
Storage Temperature ............................
-50°Cto125°C
Input Voltage..............................VSS
-0.3V to VDD+0.3V
Operating Temperature...........................
-40°Cto85°C
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those
listed in the specification is not implied and prolonged exposure to extreme conditions may affect device reliabil-
ity.
HT46R53/HT46R54
Rev. 1.40
3
July 12, 2005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com