Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46R53 Datasheet(PDF) 21 Page - Holtek Semiconductor Inc

Part # HT46R53
Description  A/D Type 8-Bit OTP MCU
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R53 Datasheet(HTML) 21 Page - Holtek Semiconductor Inc

Back Button HT46R53 Datasheet HTML 17Page - Holtek Semiconductor Inc HT46R53 Datasheet HTML 18Page - Holtek Semiconductor Inc HT46R53 Datasheet HTML 19Page - Holtek Semiconductor Inc HT46R53 Datasheet HTML 20Page - Holtek Semiconductor Inc HT46R53 Datasheet HTML 21Page - Holtek Semiconductor Inc HT46R53 Datasheet HTML 22Page - Holtek Semiconductor Inc HT46R53 Datasheet HTML 23Page - Holtek Semiconductor Inc HT46R53 Datasheet HTML 24Page - Holtek Semiconductor Inc HT46R53 Datasheet HTML 25Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
HT46R53/HT46R54
Rev. 1.40
21
July 12, 2005
Options
The following shows kinds of options in the device. ALL the options must be defined to ensure having a proper function-
ing system.
Options
OSC type selection.
This option is to decide if an RC or crystal oscillator is chosen as system clock.
WDT source selection.
There are three types of selection: on-chip RC oscillator, instruction clock or disable the WDT.
CLRWDT times selection.
This option defines how to clear the WDT by instruction.
²One time² means that the ²CLR WDT² instruction can clear
the WDT.
²Two times² means only if both of the ²CLR WDT1² and ²CLR WDT2² instructions have been executed,
then WDT can be cleared.
Wake-up selection.
This option defines the wake-up function activity. External I/O pins (PA only) all have the capability to wake-up the
chip from a HALT by a falling edge. (Bit option)
Pull-high selection.
This option is to decide whether a pull-high resistance is visible or not in the input mode of the I/O ports. PA is bit op-
tion; PB, PC and PD are port option.
PFD selection.
PA3: Level output or PFD output.
PWM selection: (7+1) or (6+2) mode
PD0: level output or PWM output
WDT time-out period selection.
There are four types of selection: WDT clock source divided by 2
12,213,214 and 215
LVR selection.
Enable or disable LVR function.
V D D
5 . 5 V
V L V R
0 . 9 V
0 V
R e s e t S i g n a l
R e s e t
* 1
* 2
N o r m a l O p e r a t i o n
R e s e t
L V R D e t e c t V o l t a g e
Low Voltage Reset
Note:
*1: To make sure that the system oscillator has stabilized, the SST provides an extra delay of 1024 system
clock pulses before entering the normal operation.
*2: Since low voltage state has to be maintained in its original state for over 1ms, therefore after 1ms delay,
the device enters the reset mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com