Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46R71D Datasheet(PDF) 9 Page - Holtek Semiconductor Inc

Part # HT46R71D
Description  A/D with LCD Type 8-Bit MCU
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R71D Datasheet(HTML) 9 Page - Holtek Semiconductor Inc

Back Button HT46R71D Datasheet HTML 5Page - Holtek Semiconductor Inc HT46R71D Datasheet HTML 6Page - Holtek Semiconductor Inc HT46R71D Datasheet HTML 7Page - Holtek Semiconductor Inc HT46R71D Datasheet HTML 8Page - Holtek Semiconductor Inc HT46R71D Datasheet HTML 9Page - Holtek Semiconductor Inc HT46R71D Datasheet HTML 10Page - Holtek Semiconductor Inc HT46R71D Datasheet HTML 11Page - Holtek Semiconductor Inc HT46R71D Datasheet HTML 12Page - Holtek Semiconductor Inc HT46R71D Datasheet HTML 13Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 46 page
background image
HT46R71D
Rev. 1.00
9
January 9, 2006
Data Memory
- RAM
The data memory (RAM) is designed with 57
´8 bits, and
is divided into two functional groups, namely; special
function registers 25
´8 bit and general purpose data
memory, 32
´8 bit most of which are readable/writable,
although some are read only. The special function regis-
ter are overlapped in any banks.
Of the two types of functional groups, the special func-
tion registers consist of an Indirect addressing register 0
(00H), a Memory pointer register 0 (MP0;01H), an Indi-
rect addressing register 1 (02H), a Memory pointer reg-
ister 1 (MP1;03H), a Bank pointer (BP;04H), an
Accumulator (ACC;05H), a Program counter lower-or-
der byte
register (PCL;06H), a Table pointer
(TBLP;07H), a Table higher-order byte register
(TBLH;08H), a Status register (STATUS;0AH), an Inter-
rupt control register 0 (INTC0;0BH), a Timer/Event
Counter 0 (TMR0; 0DH), a Timer/Event Counter 0 con-
trol register (TMR0C;0EH), a Timer/Event Counter 1
(TMR1H:0FH;TMR1L:10H), a Timer/Event Counter 1
control register (TMR1C;11H), I/O registers (PA;12H,
PB;14H) and I/O control registers (PAC;13H,
PBC;15H), an ADC control register (ADCR;18H), an
ADC chopper divider register (ADCD;1AH), an Interrupt
control register 1 (INTC1;1EH) and Charge Pump &
Regulator Control Register (CHPRC;1FH).
The remaining space before the 20H is reserved for fu-
ture expanded usage and reading these locations will
get
²00H². The general purpose data memory, ad-
dressed from 20H to 3FH , is used for data and control
information under instruction commands. All of the data
memory areas can handle arithmetic, logic, increment,
decrement and rotate operations directly. Except for
some dedicated bits, each bit in the data memory can be
set and reset by
²SET [m].i² and ²CLR [m].i². They are
also indirectly accessible through memory pointer regis-
ters (MP0;01H or MP1:03H).
After first setting up BP to the value of
²01H² to access
Bank 1 , these banks must then be accessed indirectly
using the Memory Pointer MP1. With BP set to a value
of
²01H², using MP1 to indirectly read or write to the
data memory areas with addresses from 20H~3FH will
result in operations to Bank 1. Directly addressing the
Data Memory will always result in Bank 0 being ac-
cessed irrespective of the value of BP.
Indirect Addressing Register
Location 00H and 02H are indirect addressing registers
that are not physically implemented. Any read/write op-
eration of [00H] and [02H] accesses the RAM pointed to
by MP0 (01H) and MP1 (03H) respectively. Reading lo-
cation 00H or 02H indirectly returns the result 00H.
While, writing it indirectly leads to no operation. The
memory pointer register (MP0, MP1) are 7-bit registers.
The function of data movement between two indirect ad-
dressing registers is not supported. The memory pointer
registers, MP0 and MP1, are both 7-bit registers used to
access the RAM by combining corresponding indirect
addressing registers. MP0 can only be applied to data
memory, while MP1 can be applied to data memory and
LCD display memory.
Accumulator
- ACC
The accumulator (ACC) is related to the ALU opera-
tions. It is also mapped to location 05H of the RAM and
is capable of operating with immediate data. The data
movement between two data memory locations must
pass through the ACC.
S p e c i a l P u r p o s e
D a t a M e m o r y
0 0 H
0 1 H
0 2 H
0 3 H
0 4 H
0 5 H
0 6 H
0 7 H
0 8 H
0 9 H
0 A H
0 B H
0 C H
0 D H
0 E H
0 F H
1 0 H
1 1 H
1 2 H
1 3 H
1 4 H
1 5 H
1 6 H
1 7 H
1 8 H
1 9 H
1 A H
1 B H
1 C H
1 D H
1 E H
1 F H
G e n e r a l P u r p o s e
D a t a M e m o r y
( 3 2 B y t e s )
3 F H
2 0 H
I n d i r e c t A d d r e s s i n g R e g i s t e r 0
M P 0
I n d i r e c t A d d r e s s i n g R e g i s t e r 1
M P 1
B P
A C C
P C L
T B L P
T B L H
M O D E
S T A T U S
I N T C 0
T M R 0
T M R 0 C
T M R 1 H
T M R 1 L
T M R 1 C
P A
P A C
P B
P B C
A D C R
R e s e r v e d
A D C D
I N T C 1
C H P R C
: U n u s e d
R e a d a s " 0 0 "
RAM Mapping



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com