Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46R71D Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT46R71D
Description  A/D with LCD Type 8-Bit MCU
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R71D Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT46R71D Datasheet HTML 1Page - Holtek Semiconductor Inc HT46R71D Datasheet HTML 2Page - Holtek Semiconductor Inc HT46R71D Datasheet HTML 3Page - Holtek Semiconductor Inc HT46R71D Datasheet HTML 4Page - Holtek Semiconductor Inc HT46R71D Datasheet HTML 5Page - Holtek Semiconductor Inc HT46R71D Datasheet HTML 6Page - Holtek Semiconductor Inc HT46R71D Datasheet HTML 7Page - Holtek Semiconductor Inc HT46R71D Datasheet HTML 8Page - Holtek Semiconductor Inc HT46R71D Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 46 page
background image
Pin Assignment
Pin Description
Pin Name
I/O
Options
Description
PA0/BZ
PA1/BZ
PA2
PA3
PA4/TMR0
PA5/TMR1
PA6/INT
PA7
I/O
Wake-up
Pull-high
Buzzer
Bidirectional 8-bit input/output port. Each individual bit on this port can
be configured to have a wake-up function using a configuration option.
Software instructions determine the CMOS output or Schmitt trigger in-
put. Configuration options determine which pin on this port has
pull-high resistors. The BZ, BZ, TMR0, TMR1 and INT are pin-shared
with PA0, PA1, PA4, PA5 and PA6 respectively.
PB0~PB1
I/O
Pull-high
Bidirectional 2-bit input/output port. Software instructions determine if
the pin is a CMOS output or Schmitt trigger input. Configuration op-
tions determine which pin on this port have pull-high resistors.
VLCD
I
¾
LCD power supply
COM0~COM2
O
1/2or1/3 Duty
COM0~COM2 are the common outputs for the LCD panel plate.
SEG0~SEG9
O
Segment
Output
LCD driver outputs for the LCD panel segments.
VOBGP
AO
¾
Bandgap voltage output pin. (for external use)
VOREG
O
¾
Regulator output 3.3V
VOCHP
O
¾
Charge pump output (a capacitor is required to be connected)
CHPC1
¾¾
Charge pump capacitor, positive
CHPC2
¾¾
Charge pump capacitor, negative
HT46R71D
Rev. 1.00
3
January 9, 2006
H T 4 6 R 7 1 D
4 8 S S O P - A
P A 0 / B Z
P A 1 / B Z
P A 2
P A 3
P A 4 / T M R 0
P A 5 / T M R 1
P A 6 / I N T
P A 7
V S S
V O B G P
C H P C 2
C H P C 1
V O C H P
V O R E G
A V S S
N C
N C
N C
D O P A P
D O P A N
D O P A O
D C H O P
D S R R
D S R C
R E S
O S C 1
O S C 2
V D D
N C
S E G 0
S E G 1
S E G 2
S E G 3
S E G 4
S E G 5
S E G 6
S E G 7
S E G 8
S E G 9
C O M 2
C O M 1
C O M 0
V L C D
P B 1
P B 0
N C
N C
D S C C
4 8
4 7
4 6
4 5
4 4
4 3
4 2
4 1
4 0
3 9
3 8
3 7
3 6
3 5
3 4
3 3
3 2
3 1
3 0
2 9
2 8
2 7
2 6
2 5
1
2
3
4
5
6
7
8
9
1 0
1 1
1 2
1 3
1 4
1 5
1 6
1 7
1 8
1 9
2 0
2 1
2 2
2 3
2 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com