Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46R71D Datasheet(PDF) 21 Page - Holtek Semiconductor Inc

Part # HT46R71D
Description  A/D with LCD Type 8-Bit MCU
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R71D Datasheet(HTML) 21 Page - Holtek Semiconductor Inc

Back Button HT46R71D Datasheet HTML 17Page - Holtek Semiconductor Inc HT46R71D Datasheet HTML 18Page - Holtek Semiconductor Inc HT46R71D Datasheet HTML 19Page - Holtek Semiconductor Inc HT46R71D Datasheet HTML 20Page - Holtek Semiconductor Inc HT46R71D Datasheet HTML 21Page - Holtek Semiconductor Inc HT46R71D Datasheet HTML 22Page - Holtek Semiconductor Inc HT46R71D Datasheet HTML 23Page - Holtek Semiconductor Inc HT46R71D Datasheet HTML 24Page - Holtek Semiconductor Inc HT46R71D Datasheet HTML 25Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
HT46R71D
Rev. 1.00
21
January 9, 2006
REGCEN
CHPEN
Charge
Pump
VOCHP
Pin
Regulator
VOREG Pin
OPA ADC
Description
0
X
OFF
VDD
OFF
Hi-Impedance
Disable
The whole module is disable,
OPA/ADC will lose the Power
1
0
OFF
VDD
ON
3.3V
Active
Use for VDD is greater than 3.6V
(VDD>3.6V)
11
ON
2
´VDD
ON
3.3V
Active
Use for VDD is less than 3.6V
(VDD=2.2V~3.6V)
The CHPCKD4~0 bits are use to set the clock divider to
generate the desired clock frequency to provide the
charge pump working. The actual frequency is decide
by the following formula.
The Actual Charge Pump Clock= (f SYS/16)/
(CHPCKD+1).
The suggestion clock frequency of the charge pump is
20kHz. Application need to set the correct value to get
the desired clock frequency. e.g. for the 4MHz applica-
tion, the CHPCKD should be set to 12, and for 2MHz ap-
plication, the correct CHPCKD is 6.
The REGCEN bit in the CHPRC is the Regulator/
Charge-pump module enable/disable control bit. If this
bit is disabled, then the regulator will be disabled and the
charge pump will be also be disabled to save power.
When REGCEN = 0, the module will enter a Power
Down Mode ignoring the CHPEN setting. The ADC and
OPA will also be disabled to reduce power.
If REGCEN is set to logic
²1², the regulator will be en-
abled. If CHPEN is enabled, the charge pump will be ac-
tive and will use VDD as its input to generate the double
voltage output. This double voltage will be used as the
input of the regulator. If CHPEN is set to logic
²0², the
charge pump is disabled and the charge pump output
will be equal to the charge pump input (VDD).
Users need to take care of the VDD voltage, if the voltage
is under 3.6V, then CHPEN should be set to 1 to enable
the charge pump, otherwise CHPEN should be set to
zero. If the Charge pump is disabled and VDD is under
3.6V then the output voltage of the regulator will not be
guaranteed.
ADC
- Dual Slope
A Dual Slope A/D converter is implemented in this
microcontroller. The dual slope module includes an Op-
erational Amplifier and a buffer for the amplification of
differential signals, an Integrator and a comparator for
the main dual slope AD converter.
In addition, there is also an integrated band gap voltage
generator for the 1.5V low temperature sensitive refer-
ence voltage. This reference voltage is used as the zero
adjustment and for a single end type reference voltage.
There are 2 special function registers related to this
block including: ADCR and ADCD. The ADCR register
is the A/D control register, which controls the ADC block
power on/off, the chopper clock on/off, the charge/dis-
charge control and is also used to read out the compara-
tor output status. The ADCD is the A/D Chopper clock
divider register, which define the chopper clock to the
ADC module.
+
-
A m p l i f i e r
D O P A P
D O P A N
O n C h i p
O f f C h i p
M
U
X
B u f f e r
D O P A O D C H O P
D S R R
+
-
D S R C
I n t e g r a t o r
+
-
D S C C
C o m p a r a t o r
P W R
C o n t r o l
A D C M P O
A D P W R E N
V O R E G
A D D I S C H 0
A D D I S C H 1
V D S O
V I N T
R v f 1
R v f 2
V C M P
R
+
-
Note: VINT,VCMP signal can come from different R groups which are selected by software registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com