Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C8051F310 Datasheet(PDF) 1 Page - Silicon Laboratories

Part # C8051F310
Description  25 MIPS, 16 kB Flash, 10-Bit ADC, 32-Pin Mixed-Signal MCU
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F310 Datasheet(HTML) 1 Page - Silicon Laboratories

  C8051F310 Datasheet HTML 1Page - Silicon Laboratories C8051F310 Datasheet HTML 2Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Small Form Factor
Copyright © 2004 by Silicon Laboratories
6.15.2004
UART
16 kB
FLASH
256 By te
SRAM
POR
SFR Bus
8
0
5
1
C
o
r
e
Reset
RST/C2CK
External
Oscillator
Circuit
Debug
HW
Brown-
Out
Analog/Digital
Power
P
0
D
r
v
1 kB
XR AM
XTAL1
XTAL2
SPI
VDD
GND
C
R
O
S
S
B
A
R
P
1
D
r
v
Port 0
Latch
SMBus
Timer
0,1,2,3 /
RTC
Port 1
Latch
2%
Internal
Oscillator
SystemClock
P
2
D
r
v
P
3
D
r
v
10-bit
200 ksps
ADC
A
M
U
X
AIN0-AIN20
VREF
VDD
CP1
+
-
Temp
CP0
+
-
C2D
Port 2
Latch
Port 3
Latch
PCA/
WDT
VDD/
VREF
P0.0/VREF
P0.1
P0.2/XTAL1
P0.3/XTAL2
P0.4/TX
P0.5/RX
P0.6/CNVST
P0.7
P1.0
P1.1
P1.2
P1.3
P1.4
P1.5
P1.6
P1.7
P2.0
P2.1
P2.2
P2.3
P2.4
P2.5
P2.6
P2.7
P3.0/C2D
P3.1
P3.2
P3.3
P3.4
C8051F310
25 MIPS, 16 kB Flash, 10-Bit ADC, 32-Pin Mixed-Signal MCU
Analog Peripherals
10-Bit ADC
- ±1 LSB INL; no missing codes
- Programmable throughput up to 200 ksps
- Up to 21 external inputs; programmable as single-ended or differential
- Data-dependent windowed interrupt generator
- Built-in temperature sensor (±3 °C)
Two Comparators
- Programmable hysteresis and response time
- Configurable to generate interrupts or reset
- Low current (0.4 µA)
POR/Brown-out Detector
On-Chip Debug
- On-chip debug circuitry facilitates full speed, non-intrusive in-system
debug (no emulator required)
- Provides breakpoints, single stepping
- Inspect/modify memory and registers
- Superior performance to emulation systems using ICE-chips, target
pods, and sockets
Supply Voltage: 2.7 to 3.6 V
- Typical Operating Current: 7 mA at 25 MHz
15 µA at 32 kHz
- Typical Stop Mode Current: <0.1 µA
High-Speed 8051 µC Core
- Pipelined instruction architecture; executes 70% of instructions in 1 or 2
system clocks
- Up to 25 MIPS throughput with 25 MHz system clock
- Expanded interrupt handler
Memory
- 1280 bytes data RAM
- 16 kB Flash; in-system programmable in 512-byte sectors (512 bytes
are reserved)
Digital Peripherals
- 29 port I/O; all are 5 V tolerant
- Hardware SMBus™ (I2C™ compatible), SPI™, and UART serial ports
available concurrently
- Programmable 16-bit counter/timer array with five capture/compare
modules, WDT
- 4 general-purpose 16-bit counter/timers
- Realtime clock mode using timer or PCA
Clock Sources
- Internal oscillator: 24.5 MHz, 2% accuracy supports UART operation
- External oscillator: Crystal, RC, C, or Clock (1 or 2 pin modes)
- Can switch between clock sources on-the-fly
32-Pin LQFP
Temperature Range: –40 to +85 °C


Similar Part No. - C8051F310

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C8051F310 ETC1-C8051F310 Datasheet
2Mb / 224P
8/16 kB ISP Flash MCU Family
logo
Silicon Laboratories
C8051F310 SILABS-C8051F310 Datasheet
2Mb / 228P
8/16 kB ISP Flash MCU Family
C8051F310 SILABS-C8051F310 Datasheet
172Kb / 2P
25 MIPS, 16 kB Flash, 10-Bit ADC, 32-Pin Mixed-Signal MCU
logo
List of Unclassifed Man...
C8051F310-GQ ETC1-C8051F310-GQ Datasheet
2Mb / 224P
8/16 kB ISP Flash MCU Family
logo
Silicon Laboratories
C8051F310-GQ SILABS-C8051F310-GQ Datasheet
4Mb / 288P
Mixed Signal ISP Flash MCU Family
More results

Similar Description - C8051F310

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F015 SILABS-C8051F015 Datasheet
416Kb / 2P
25 MIPS, 32 kB Flash, 10-Bit ADC, 64-Pin Mixed-Signal MCU
C8051F016 SILABS-C8051F016 Datasheet
420Kb / 2P
25 MIPS, 32 kB Flash, 10-Bit ADC, 48-Pin Mixed-Signal MCU
C8051F017 SILABS-C8051F017 Datasheet
166Kb / 2P
25 MIPS, 32 kB Flash, 10-Bit ADC, 32-Pin Mixed-Signal MCU
C8051F019 SILABS-C8051F019 Datasheet
167Kb / 2P
25 MIPS, 16 kB Flash, 10-Bit ADC, 48-Pin Mixed-Signal MCU
C8051F046 SILABS-C8051F046 Datasheet
413Kb / 2P
25 MIPS, 32 kB Flash, 10-Bit ADC, 100-Pin Mixed-Signal MCU
C8051F047 SILABS-C8051F047 Datasheet
410Kb / 2P
25 MIPS, 32 kB Flash, 10-Bit ADC, 64-Pin Mixed-Signal MCU
C8051F066 SILABS-C8051F066 Datasheet
192Kb / 2P
25 MIPS, 32 kB Flash, 16-Bit ADC, 100-Pin Mixed-Signal MCU
C8051F067 SILABS-C8051F067 Datasheet
195Kb / 2P
25 MIPS, 32 kB Flash, 16-Bit ADC, 64-Pin Mixed-Signal MCU
C8051F312 SILABS-C8051F312 Datasheet
172Kb / 2P
25 MIPS, 8 kB Flash, 10-Bit ADC, 32-Pin Mixed-Signal MCU
C8051F310-GQR SILABS-C8051F310-GQR Datasheet
172Kb / 2P
25 MIPS, 16 kB Flash, 10-Bit ADC, 32-Pin Mixed-Signal MCU
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com