Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RTL8019AS Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # RTL8019AS
Description  Realtek Full-Duplex Ethernet Controller with Plug and Play Function (RealPNP)
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RTL8019AS Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button RTL8019AS Datasheet HTML 9Page - List of Unclassifed Manufacturers RTL8019AS Datasheet HTML 10Page - List of Unclassifed Manufacturers RTL8019AS Datasheet HTML 11Page - List of Unclassifed Manufacturers RTL8019AS Datasheet HTML 12Page - List of Unclassifed Manufacturers RTL8019AS Datasheet HTML 13Page - List of Unclassifed Manufacturers RTL8019AS Datasheet HTML 14Page - List of Unclassifed Manufacturers RTL8019AS Datasheet HTML 15Page - List of Unclassifed Manufacturers RTL8019AS Datasheet HTML 16Page - List of Unclassifed Manufacturers RTL8019AS Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 50 page
background image
8019AS.doc
2001-05-10
·ç¬R¥b¾ÉÅéªÑ¥÷¦³--¤½¥q
SPECIFICATION
RTL8019AS
13
IMR: Interrupt Mask Register (0FH; Type=W in Page0, Type=R in Page2)
All bits correspond to the bits in the ISR register. POWER UP=all 0s. Setting individual
bits will enable the corresponding interrupts.
DCR: Data Configuration Register (0EH; Type=W in Page0, Type=R in Page2)
Bit
Symbol
Description
7
-
Always 1
6, 5
FT1, FT0
FIFO threshold select bit 1 and 0.
4
ARM
Auto-initialize Remote
0: Send Packet Command not executed.
1: Send Packet Command executed.
3
LS
Loopback Select
0: Loopback mode selected. Bits 1 and 2 of the TCR must also be
programmed for Loopback operation.
1: Normal Operation
2
LAS
This bit must be set to zero. NIC only supports dual 16-bit DMA mode.
POWER UP =1
1
BOS
Byte Order Select (Not implement)
0: MS byte placed on MD15-8 and LS byte on MD7-0. (32xxx,80x86)
1: MS byte placed on MD7-0 and LS byte on MD15-8. (680x0)
0
WTS
Word Transfer Select
0: byte-wide DMA transfer
1: word-wide DMA transfer
TCR: Transmit Configuration Register (0DH; Type=W in Page0, Type=R in Page2)
Bit
Symbol
Description
7
-
Always 1
6
-
Always 1
5
-
Always 1
4
OFST
Collision Offset Enable.
3
ATD
Auto Transmit Disable.
0: normal operation
1: reception of multicast address hashing to bit 62 disables transmitter,
reception of multicast address hashing to bit 63 enables transmitter.
2, 1
LB1, LB0
LB1
LB0
Mode
Remark
0
0
0
Normal Operation
0
1
1
Internal Lookback
1
0
2
External Lookback
1
1
3
External Lookback
0
CRC
The NIC CRC logic comprises a CRC generator for transmitter and a CRC checker for
receiver. This bit controls the activity of the CRC logic. If this bit set, CRC is inhibited by
transmitter. Otherwise CRC is appended by transmitter.
Conditions
CRC Logic Activities
CRC Bit
Mode
CRC Generator
CRC Checker
0
normal
enabled
enabled
1
normal
disabled
enabled
0
loopback
enabled
disabled
1
loopback
disabled
enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com