Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RTL8019AS Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # RTL8019AS
Description  Realtek Full-Duplex Ethernet Controller with Plug and Play Function (RealPNP)
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RTL8019AS Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button RTL8019AS Datasheet HTML 5Page - List of Unclassifed Manufacturers RTL8019AS Datasheet HTML 6Page - List of Unclassifed Manufacturers RTL8019AS Datasheet HTML 7Page - List of Unclassifed Manufacturers RTL8019AS Datasheet HTML 8Page - List of Unclassifed Manufacturers RTL8019AS Datasheet HTML 9Page - List of Unclassifed Manufacturers RTL8019AS Datasheet HTML 10Page - List of Unclassifed Manufacturers RTL8019AS Datasheet HTML 11Page - List of Unclassifed Manufacturers RTL8019AS Datasheet HTML 12Page - List of Unclassifed Manufacturers RTL8019AS Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 50 page
background image
8019AS.doc
2001-05-10
·ç¬R¥b¾ÉÅéªÑ¥÷¦³--¤½¥q
SPECIFICATION
RTL8019AS
9
62,63
LED1,LED2
O
When LEDS1 bit (in CONFIG3 register of RTL8019AS
Page3) is 0, these 2 pins act as LED_RX & LED_TX
respectively. When LEDS1=1, these pins act as LED_CRS
& MCSB. Please refer to section 6.5 for details of the
lightening behavior of all LEDs.
5. Register Descriptions
The registers in RTL8019AS can be roughly divided into two groups by their address and functions
-- one for NE2000, the other for Plug and Play (PnP).
5.1. Group 1: NE2000 Registers
This group includes 4 pages of registers which are selected by bit PS0 & PS1 in the CR register.
Each page contains 16 registers. Besides those registers compatible with NE2000, the RTL8019AS
defines some registers for software configuration and feature enhancement.
5.1.1. Register Table
No (Hex)
Page0
Page1
Page2
Page3
[R]
[W]
[R/W]
[R]
[R]
[W]
00
CR
CR
CR
CR
CR
CR
01
CLDA0
PSTART
PAR0
PSTART
9346CR
9346CR
02
CLDA1
PSTOP
PAR1
PSTOP
BPAGE
BPAGE
03
BNRY
BNRY
PAR2
-
CONFIG0
-
04
TSR
TPSR
PAR3
TPSR
CONFIG1
CONFIG1
05
NCR
TBCR0
PAR4
-
CONFIG2
CONFIG2
06
FIFO
TBCR1
PAR5
-
CONFIG3
CONFIG3
07
ISR
ISR
CURR
-
-
TEST
08
CRDA0
RSAR0
MAR0
-
CSNSAV
-
09
CRDA1
RSAR1
MAR1
-
-
HLTCLK
0A
8019ID0
RBCR0
MAR2
-
-
-
0B
8019ID1
RBCR1
MAR3
-
INTR
-
0C
RSR
RCR
MAR4
RCR
-
FMWP
0D
CNTR0
TCR
MAR5
TCR
CONFIG4
-
0E
CNTR1
DCR
MAR6
DCR
-
-
0F
CNTR2
IMR
MAR7
IMR
-
-
10-17
Remote DMA Port
18-1F
Reset Port
Notes: "-" denotes reserved. Registers with names typed in bold italic format are RTL8019AS
defined registers and are not supported in a standard NE2000 adapter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com