Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RTL8019AS Datasheet(PDF) 34 Page - List of Unclassifed Manufacturers

Part # RTL8019AS
Description  Realtek Full-Duplex Ethernet Controller with Plug and Play Function (RealPNP)
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RTL8019AS Datasheet(HTML) 34 Page - List of Unclassifed Manufacturers

Back Button RTL8019AS Datasheet HTML 30Page - List of Unclassifed Manufacturers RTL8019AS Datasheet HTML 31Page - List of Unclassifed Manufacturers RTL8019AS Datasheet HTML 32Page - List of Unclassifed Manufacturers RTL8019AS Datasheet HTML 33Page - List of Unclassifed Manufacturers RTL8019AS Datasheet HTML 34Page - List of Unclassifed Manufacturers RTL8019AS Datasheet HTML 35Page - List of Unclassifed Manufacturers RTL8019AS Datasheet HTML 36Page - List of Unclassifed Manufacturers RTL8019AS Datasheet HTML 37Page - List of Unclassifed Manufacturers RTL8019AS Datasheet HTML 38Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 50 page
background image
8019AS.doc
2001-05-10
·ç¬R¥b¾ÉÅéªÑ¥÷¦³--¤½¥q
SPECIFICATION
RTL8019AS
34
6.2.3. Plug and Play Isolation Sequence
The Plug and Play isolation sequence is divided into four states: Wait for Key, Sleep, Isolation,
and Config states. The state transitions for the Plug and Play ISA card are shown below.
Power up
RSTDRV or
Reset command
Wait for Key
State
Active Commands
no active
commands
Sleep
State
Active Commands
Reset
Reset CSN
Wait for Key
Wake [CSN]
Isolation
State
Active Commands
Reset
Reset CSN
Wait for Key
Set RD_DATA Port
Serial isolation
Wake [CSN]
Set CSN
Config
State
Active Commands
Reset
Reset CSN
Wait for Key
Wake [CSN]
Resource Data
Status
Logical Device
I/O Range Check
Activate
Configuration Registers
Set CSN
(WAKE=0) AND (CSN=0)
(WAKE<>0) AND (WAKE=CSN)
Lose serial isolation OR
(WAKE<>CSN)
WAKE<>CSN
NOTES:
1. CSN= Card Select Number
2. RSTDRV causes a state transition
from the current state to Wait for Key and sets all CSNs to zero
Set CSN=0
initiation key
3. The Wait for Key command causes a state transition from the
current state to Wait for Key
4. The Reset CSN commands include PnP Reset CSN and RT Reset CSN commands.
The former sets all ISA PnP cards' CSNs to zero while the latter only sets RTL8019
PnP cards' CSNs to zero. Both commands do not cause a state transition.
Figure 4. Plug and Play ISA Card State Transitions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com