Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLD4012 Datasheet(PDF) 4 Page - Tripath Technology Inc.

Part # TLD4012
Description  ADSL LINE DRIVER USING TRIPATH DIGITAL POWER PROCESSING (DPP?? TECHNOLOGY
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPATH [Tripath Technology Inc.]
Direct Link  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.

TLD4012 Datasheet(HTML) 4 Page - Tripath Technology Inc.

  TLD4012 Datasheet HTML 1Page - Tripath Technology Inc. TLD4012 Datasheet HTML 2Page - Tripath Technology Inc. TLD4012 Datasheet HTML 3Page - Tripath Technology Inc. TLD4012 Datasheet HTML 4Page - Tripath Technology Inc. TLD4012 Datasheet HTML 5Page - Tripath Technology Inc. TLD4012 Datasheet HTML 6Page - Tripath Technology Inc. TLD4012 Datasheet HTML 7Page - Tripath Technology Inc. TLD4012 Datasheet HTML 8Page - Tripath Technology Inc. TLD4012 Datasheet HTML 9Page - Tripath Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Tr i p ath Technol ogy, I n c. - Techni cal I n for m ati on
4
TLD4012 – JB/Rev. 2.0a/05.02
ELECTRICAL CHARACTERISTICS
Unless otherwise specified, TA = 25°C, VDD5 = +5V, VSS5 = -5V, VDD15 = +15V, VSS15 = -15V. Also, see
Test/Application Circuits. See functional description for details regarding synthetic output impedance. Minimum and
maximum limits are guaranteed but may not be 100% tested.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNITS
PCONS1
Power Consumption
RLOAD = 71Ω, POUT = 154 mW,
Full-rate, overlapped ADSL signal, line
power = 110 mW (20.4 dBm), with
synthetic output impedance (see Fig. 1)
740
mW
PCONS3
Power Consumption, no signal
RLOAD = 50Ω, No Input Signal,
LOPWR = Low (see Fig. 1)
250
mW
PCONS4
Power Consumption, no signal, low power
mode
RLOAD = 50Ω, No Input Signal,
LOPWR = High (see Fig. 1)
130
mW
PCONS5
G.Lite
RLOAD = 71Ω, POUT = 58 mW,
G.Lite signal, line power = 41.6 mW
(16.2 dBm). See Fig. 1.
390
mW
PCONS6
Disable mode
RESETB = Low
10
mW
IDD5
Operating Current VDD5
RLOAD = 71Ω, POUT = 154 mW,
Full-rate, overlapped ADSL signal with
synthetic output impedance (see Fig. 1)
47.0
mA
ISS5
Operating Current VSS5
RLOAD = 71Ω, POUT = 154 mW,
Full-rate, overlapped ADSL signal with
synthetic output impedance (see Fig. 1)
49.0
mA
IDD15
Operating Current VDD15
RLOAD = 71Ω, POUT = 154 mW,
Full-rate, overlapped ADSL signal with
synthetic output impedance (see Fig. 1)
8.0
mA
ISS15
Operating Current VSS15
RLOAD = 71Ω, POUT = 154 mW,
Full-rate, overlapped ADSL signal with
synthetic output impedance (see Fig. 1)
9.5
mA
Iq1
Quiescent Current (VDD5 and VSS5)
RLOAD = 71Ω, No input signal, LOPWR =
Low
21.7
mA
Iq2
Quiescent Current (VDD15 and VSS15)
RLOAD = 71Ω, No input signal,
LOPWR = Low
1.1
mA
Iq1LP
Quiescent Current (VDD5 and VSS5), low
power mode
RLOAD = 71Ω, No input signal,
LOPWR = High
11.0
mA
Iq2LP
Quiescent Current (VDD15 and VSS15),
low power mode
RLOAD = 71Ω, No input signal,
LOPWR = High
0.68
mA
VBG
Band-gap Voltage
1.28
V
VOUTmax
Differential Output Voltage, peak-to-peak
differential
Gain = 17.8 to 27.8 dB, RLOAD = 71Ω
Gain = 12.8 to 16.8 dB, RLOAD = 71Ω
42
20
V
IOUTmax
Differential Output Current
RLOAD = 71Ω
500
mA
ISC
Short-circuit Output Current
REXT = 24kΩ
800
mA
VIO
Differential Input Offset Voltage
600
µV
∆VOS
Offset Voltage Drift
30
µV/°C
VOSHI
Differential Output Offset Voltage
Gain = 27.8dB, EN_AC = High, 5k
Ω
across INN and INP
-100
100
mV
Ib
Input Bias Current
EN_AC = Low
0.5
µA
∆Ib
Differential Input Bias Current
0.2
µA
RIDIFF
Differential Input Resistance
800
k
Ω
CIDIFF
Differential Input Capacitance
2
pF
ROUTLP
Output Resistance (while in Low-power
mode)
LOPWR = High
0.5
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com