Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLD4012 Datasheet(PDF) 1 Page - Tripath Technology Inc.

Part # TLD4012
Description  ADSL LINE DRIVER USING TRIPATH DIGITAL POWER PROCESSING (DPP?? TECHNOLOGY
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPATH [Tripath Technology Inc.]
Direct Link  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.

TLD4012 Datasheet(HTML) 1 Page - Tripath Technology Inc.

  TLD4012 Datasheet HTML 1Page - Tripath Technology Inc. TLD4012 Datasheet HTML 2Page - Tripath Technology Inc. TLD4012 Datasheet HTML 3Page - Tripath Technology Inc. TLD4012 Datasheet HTML 4Page - Tripath Technology Inc. TLD4012 Datasheet HTML 5Page - Tripath Technology Inc. TLD4012 Datasheet HTML 6Page - Tripath Technology Inc. TLD4012 Datasheet HTML 7Page - Tripath Technology Inc. TLD4012 Datasheet HTML 8Page - Tripath Technology Inc. TLD4012 Datasheet HTML 9Page - Tripath Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Tr i p ath Technol ogy, I n c. - Techni cal I n for m ati on
1
TLD4012 – JB/Rev. 2.0a/05.02
TLD4012
ADSL LINE DRIVER USING TRIPATH DIGITAL POWER
PROCESSING (DPP™) TECHNOLOGY
Technical Information
Rev i sion 2.0a – May 2002
GENERAL DESCRIPTION
T he T L D4012 is an ADSL line driver that provides very low pow er consumption and
low distortion in a very small package as a result of T r ipath’s proprietary pow er
processing technology . T h is device accepts differential input signals from an analog
front-end (AF E ), and can be used in full-rate ( G.dmt), or G.lite sy stems. T h is T L D4012
offers a low pow er consumption of 650mW for full-rate, full-pow er, CO-side, F D M
(non-overlapped) transmissions.
APPLICATIONS
Full-rate or G.lite line cards
DSLAMs
DLC equipment
Central office switches
BENEFITS
Reduced line card power
Reduced system power
Increased line card density
More ports per cubic foot of system
space
Improved system performance
Simplifies thermal management on
PCB
Improved reliability
Flexible solution
FEATURES
Tripath Proprietary Power Processing technology
Very low power consumption
PCONS(Full-rate ADSL) = 650 mW (typ)
PCONS (G.lite) = 390 mW (typ)
Low distortion
Spurious free dynamic range = -80 dBc 26kHz to 138kHz,
RLINE=100Ω, PLINE=19.8dBm
Third harmonic distortion = -83 dBc at f = 100 kHz,
-82 dBc at f = 500 kHz, -63 dBc at f = 1 MHz, VOUT = 10Vpp
(differential), 70
Ω load
500 mA minimum output current into a 71
Ω load
Digitally programmable gain (from 12.8 to 27.8 dB in 1 dB steps)
Low-power mode -130 mW typical (line terminated -allows
reception of incoming signals)
Disabled mode - 10 mW typical (no line termination)
Over-temperature and over-current protection with Fault output
5x5 mm 32-pin TQFP with exposed die pad
Power
Processing
Block
INP
Control
&
Logic
Output
current
limit
LOPWR
RESETB
G0
G1
G2
INN
VDD5
GND
FAULT
REXT
OUTN
OUTP
VSS15
VDD15
VSS5
3
20
21
16
25
15
14
28
6
7
8
4
23
27
13
12
18
11
Block Diagram
G3 9
EN_AC 1
FORC_BIAS
TH_FAULT
AUTO_CLR 31
FBP
30
FBN
29
GND
5
2
GND
INP
GND
EN_AC
NC
OUTP
NC
VDD15
NC
OUTN
NC
VSS15
24
17
18
19
20
21
22
23
1
8
7
6
5
4
3
2
(Top View)
G2
G0
G1
GND
INN
32 31 30 29 28 27 26 25
1
9 10 11 12 13 14 15 16


Similar Part No. - TLD4012

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TLD42AH TSC-TLD42AH Datasheet
487Kb / 6P
26V - 82V Surface Mount Transient Voltage Suppressor
Version: C2408
TLD47AH TSC-TLD47AH Datasheet
487Kb / 6P
26V - 82V Surface Mount Transient Voltage Suppressor
Version: C2408
More results

Similar Description - TLD4012

ManufacturerPart #DatasheetDescription
logo
Tripath Technology Inc.
TK2150 TRIPATH-TK2150 Datasheet
666Kb / 34P
STEREO 200W CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING TECHNOLOGY
TA2021B TRIPATH-TA2021B Datasheet
268Kb / 12P
STEREO 25W (4OHM) CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPP) TECHNOLOGY
TK2051 TRIPATH-TK2051 Datasheet
462Kb / 19P
STEREO 50W (8廓) CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPP)
TDA2500 TRIPATH-TDA2500 Datasheet
313Kb / 29P
STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPP) TECHNOLOGY
TK2070 TRIPATH-TK2070 Datasheet
422Kb / 21P
STEREO 70W (4Ohm) CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPP) TECHNOLOGY
TA2022 TRIPATH-TA2022 Datasheet
420Kb / 31P
STEREO 90W (4?? CLASS-T??DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPP?? TECHNOLOGY
TC2000 TRIPATH-TC2000 Datasheet
202Kb / 9P
STEREO CLASS-T??AUDIO CONTROLLER USING DIGITAL POWER PROCESSING (DPP?? TECHNOLOGY
TCA2002 TRIPATH-TCA2002 Datasheet
257Kb / 18P
STEREO CLASS-T??AUDIO CONTROLLER USING DIGITAL POWER PROCESSING (DPP?? TECHNOLOGY
RB-TA3020-1 TRIPATH-RB-TA3020-1 Datasheet
831Kb / 20P
CLASS-T DIGITAL AUDIO AMPLIFIER REFERENCE BOARD USING DIGITAL POWER PROCESSING (DPP) TECHNOLOGY
logo
Datatronic Distribution...
DR77053 DATATRONICS-DR77053 Datasheet
66Kb / 1P
Inductors Approved for Use for Tripath Digital Audio Amplifiers Using Digital Power Processing??Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com