Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLD4012 Datasheet(PDF) 3 Page - Tripath Technology Inc.

Part # TLD4012
Description  ADSL LINE DRIVER USING TRIPATH DIGITAL POWER PROCESSING (DPP?? TECHNOLOGY
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPATH [Tripath Technology Inc.]
Direct Link  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.

TLD4012 Datasheet(HTML) 3 Page - Tripath Technology Inc.

  TLD4012 Datasheet HTML 1Page - Tripath Technology Inc. TLD4012 Datasheet HTML 2Page - Tripath Technology Inc. TLD4012 Datasheet HTML 3Page - Tripath Technology Inc. TLD4012 Datasheet HTML 4Page - Tripath Technology Inc. TLD4012 Datasheet HTML 5Page - Tripath Technology Inc. TLD4012 Datasheet HTML 6Page - Tripath Technology Inc. TLD4012 Datasheet HTML 7Page - Tripath Technology Inc. TLD4012 Datasheet HTML 8Page - Tripath Technology Inc. TLD4012 Datasheet HTML 9Page - Tripath Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Tr i p ath Technol ogy, I n c. - Techni cal I n for m ati on
3
TLD4012 – JB/Rev. 2.0a/05.02
ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
Value
UNITS
VDD5
Positive 5V Supply Voltage
+ 6
V
VSS5
Negative 5V Supply Voltage
- 6
V
VDD15
Positive 15V Supply Voltage
+ 18
V
VSS15
Negative 15V Supply Voltage
- 18
V
TJ
Maximum Junction Temperature
150
ºC
TA
Operating Free-air Temperature Range
-40 to +85
ºC
TSTORE
Storage Temperature Range
-55 to 150
ºC
TSOLDER
Manual soldering for three seconds
Reflow soldering for five seconds
350
245
ºC
IOUT
Output current limit, OUTP or OUTN
1.1
A
VIN
Input voltage, INP or INN
VSS5 to VDD5
V
VCMR
Common mode input voltage range
VSS5 to VDD5
V
Notes:
1. Absolute Maximum Ratings indicate limits beyond which damage to the device may occur.
2. The absolute value of VDD5 and VSS5 must always be less than or equal to the absolute value of VDD15 and
VSS15.
3. The TLD4012 incorporates an exposed die pad on the underside of its package. This acts as a heat sink
and must be connected to a copper plane on the printed circuit board for proper heat dissipation.
Failure to do so may result in exceeding the maximum junction temperature which could permanently
damage the device. This copper plane must be connected to VSS15. See the Application Information
section of this document for additional information.
4. Application must insure that VSS15 is applied before VSS5. A clamp diode connected between VSS5 and
VSS15 can be used to insure proper application of supply voltages to the TLD4012 (see Test/Application
Circuits of this document). Note that only one diode is needed per board for multi-channel line cards, but diode
selection should account for the increased current transient that the diode must carry for multiple channels. If
the +/-5V rail’s rise time is fast, for example in applications in which the driver’s supplies might be hot-plugged,
this method may not be sufficient and supply sequencing may be necessary.
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNITS
VDD5
Positive 5V Supply Voltage
+ 4.75
+ 5
+ 5.25
V
VSS5
Negative 5V Supply Voltage
- 5.25
- 5
- 4.75
V
VDD15
Positive 15V Supply Voltage
+ 13.3
+ 15
+ 15.75
V
VSS15
Negative 15V Supply Voltage
- 15.75
- 15
- 13.3
V
VIH
High-level Input Voltage, all digital inputs
2.7
+VDD5
V
VIL
Low-level Input Voltage, all digital inputs
0
0.8
V
IODLEAK
Open drain leakage current, FAULT output
1
µA
IODMAX
Open drain sink current at VOL=0.4V max, FAULT output
1
mA
Note: Recommended Operating Conditions indicate conditions for which the device is functional. See Electrical
Characteristics for guaranteed specific performance limits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com