Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FHX14X Datasheet(PDF) 1 Page - Eudyna Devices Inc

Part # FHX14X
Description  GaAs FET & HEMT Chips
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUDYNA [Eudyna Devices Inc]
Direct Link  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc

FHX14X Datasheet(HTML) 1 Page - Eudyna Devices Inc

  FHX14X Datasheet HTML 1Page - Eudyna Devices Inc FHX14X Datasheet HTML 2Page - Eudyna Devices Inc FHX14X Datasheet HTML 3Page - Eudyna Devices Inc FHX14X Datasheet HTML 4Page - Eudyna Devices Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Item
Saturated Drain Current
Transconductance
Pinch-off Voltage
Gate Source Breakdown Voltage
Noise Figure
Associated Gain
Noise Figure
Associated Gain
Symbol
IDSS
10
30
60
35
50
-
-0.1
-
-0.7
-1.5
0.45
0.50
-3.0
--
11.0
13.0
-
11.0
13.0
-
-
0.55
0.60
VDS = 2V, IDS = 1mA
VDS = 2V, IDS = 10mA
VDS = 2V, VGS = 0V
IGS = -10µA
VDS = 2V
IDS = 10mA
f = 12GHz
mA
mS
V
dB
dB
dB
dB
V
gm
FHX13X
FHX14X
Vp
VGSO
NF
Gas
NF
Gas
Test Conditions
Unit
Limit
Typ.
Max.
Min.
ELECTRICAL CHARACTERISTICS (Ambient Temperature Ta=25
°C)
Note: RF parameter sample size 10pcs. criteria (accept/reject)=(2/3)
Channel to Case
-
220
300
°C/W
Thermal Resistance
Rth
The chip must be enclosed in a hermetically sealed environment for optimum performance and reliability.
1
Edition 1.2
July 1999
FHX13X, FHX14X
GaAs FET & HEMT Chips
Item
Drain-Source Voltage
Gate-Source Voltage
Total Power Dissipation
Storage Temperature
Channel Temperature
Symbol
VDS
VGS
3.5
-3.0
180
-65 to +175
175
V
V
mW
°C
°C
Pt*
Tstg
Tch
Unit
Rating
ABSOLUTE MAXIMUM RATING (Ambient Temperature Ta=25
°C)
*Note: Mounted on Al2O3 board (30 x 30 x 0.65mm)
Fujitsu recommends the following conditions for the reliable operation of GaAs FETs:
1. The drain-source operating voltage (VDS) should not exceed 2 volts.
2. The forward and reverse gate currents should not exceed 0.2 and -0.05mA respectively with
gate resistance of 4000
Ω.
3. The operating channel temperature (Tch) should not exceed 80°C.
FEATURES
• Low Noise Figure: 0.45dB (Typ.)@f=12GHz (FHX13)
• High Associated Gain: 13.0dB (Typ.)@f=12GHz
• Lg
≤ 0.15µm, Wg = 200µm
• Gold Gate Metallization for High Reliability
DESCRIPTION
The FHX13X, FHX14X are Super High Electron Mobility Transistor
(SuperHEMT
TM) intended for general purpose, ultra-low noise and
high gain amplifiers in the 2-18GHz frequency range. The devices
are well suited for telecommunication, DBS, TVRO, VSAT or other
low noise applications.
Fujitsu’s stringent Quality Assurance Program assures the highest
reliability and consistent performance.


Similar Part No. - FHX14X

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
FHX14LG EUDYNA-FHX14LG Datasheet
89Kb / 6P
Super Low Noise HEMT
More results

Similar Description - FHX14X

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
FLC087XP EUDYNA-FLC087XP Datasheet
58Kb / 4P
GaAs FET & HEMT Chips
FLC157XP EUDYNA-FLC157XP Datasheet
60Kb / 4P
GaAs FET & HEMT Chips
FLK017XP EUDYNA-FLK017XP Datasheet
59Kb / 4P
GaAs FET & HEMT Chips
FLK027XP EUDYNA-FLK027XP Datasheet
97Kb / 4P
GaAs FET & HEMT Chips
FLK057XV EUDYNA-FLK057XV Datasheet
58Kb / 4P
GaAs FET & HEMT Chips
FLK107XV EUDYNA-FLK107XV Datasheet
63Kb / 4P
GaAs FET & HEMT Chips
FLK207XV EUDYNA-FLK207XV Datasheet
70Kb / 4P
GaAs FET & HEMT Chips
FSX017X EUDYNA-FSX017X Datasheet
89Kb / 4P
GaAs FET & HEMT Chips
FLX257XV EUDYNA-FLX257XV Datasheet
58Kb / 4P
GaAs FET & HEMT Chips
FHX04X EUDYNA-FHX04X Datasheet
56Kb / 4P
GaAs FET & HEMT Chips
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com