Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FHX14X Datasheet(PDF) 2 Page - Eudyna Devices Inc

Part # FHX14X
Description  GaAs FET & HEMT Chips
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUDYNA [Eudyna Devices Inc]
Direct Link  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc

FHX14X Datasheet(HTML) 2 Page - Eudyna Devices Inc

  FHX14X Datasheet HTML 1Page - Eudyna Devices Inc FHX14X Datasheet HTML 2Page - Eudyna Devices Inc FHX14X Datasheet HTML 3Page - Eudyna Devices Inc FHX14X Datasheet HTML 4Page - Eudyna Devices Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
FHX13X, FHX14X
GaAs FET & HEMT Chips
NF & Gas vs. IDS
DRAIN CURRENT vs. DRAIN-SOURCE VOLTAGE
OUTPUT POWER vs. INPUT POWER
NOISE PARAMETERS
VDS=2V, IDS=10mA
3.0
f=12GHz
VDS=2V
Freq.
(GHz)
Γopt
(MAG)
(ANG)
NFmin
(dB)
Rn/50
f=12GHz
VDS=2V
IDS=10mA
Gas
NF
2.5
2.0
1.5
1.0
0.5
14
13
12
11
10
9
10
20
30
-10
10
-5
0
5
12
3
4
Drain Current (mA)
Input Power (dBm)
Drain-Source Voltage (V)
40
30
20
0
10
10
15
20
5
0
2
4
6
8
10
12
14
16
18
20
22
24
0.92
0.84
0.77
0.71
0.66
0.61
0.58
0.56
0.54
0.52
0.50
0.46
13
25
38
51
65
79
93
108
122
136
150
162
0.28
0.30
0.32
0.34
0.39
0.45
0.56
0.68
0.86
1.03
1.22
1.43
0.65
0.54
0.41
0.31
0.23
0.17
0.12
0.09
0.07
0.07
0.07
0.07
VGS =0V
-0.2V
-0.4V
-0.6V
-0.8V
POWER DERATING CURVE
50
100
150
200
Ambient Temperature (
°C)
200
150
100
0
0
50
Ga (max) & |S21|2 vs. FREQUENCY
VDS=2V
IDS=10mA
Ga (max)
|S21|2
15
20
25
10
5
0
46
8 1012
20
Frequency (GHz)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com