Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FHX14X Datasheet(PDF) 3 Page - Eudyna Devices Inc

Part # FHX14X
Description  GaAs FET & HEMT Chips
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUDYNA [Eudyna Devices Inc]
Direct Link  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc

FHX14X Datasheet(HTML) 3 Page - Eudyna Devices Inc

  FHX14X Datasheet HTML 1Page - Eudyna Devices Inc FHX14X Datasheet HTML 2Page - Eudyna Devices Inc FHX14X Datasheet HTML 3Page - Eudyna Devices Inc FHX14X Datasheet HTML 4Page - Eudyna Devices Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
FHX13X, FHX14X
GaAs FET & HEMT Chips
+j250
+j100
+j50
+j25
+j10
0
-j10
-j25
-j50
-j100
-j250
S11
S22
180
°
+90
°
0
°
-90
°
S21
S12
SCALE FOR |S12|
.20
.05
.10
.15
2
1
3
4
1
1 GHZ
1 GHZ
1 GHZ
1 GHZ
12
12
12
12
24
24
24
24
5
100
10
25
50
Ω
S-PARAMETERS
VDS = 2V, IDS = 10mA
FREQUENCY
S11
S21
S12
S22
(MHZ)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
1.000
-0.9
4.899
179.2
0.001
89.5
0.601
-0.5
500
0.999
-4.7
4.894
175.9
0.006
87.7
0.601
-2.3
1000
0.995
-9.4
4.876
171.9
0.013
85.5
0.599
-4.6
2000
0.981
-18.6
4.806
163.9
0.025
81.1
0.591
-9.2
3000
0.958
-27.7
4.696
156.1
0.037
77.0
0.580
-13.5
4000
0.929
-36.4
4.555
148.6
0.048
73.2
0.565
-17.7
5000
0.895
-44.9
4.392
141.5
0.057
69.8
0.548
-21.5
6000
0.860
-53.0
4.215
134.8
0.066
66.8
0.530
-25.0
7000
0.823
-60.7
4.034
128.4
0.074
64.2
0.512
-28.3
8000
0.786
-68.1
3.852
122.4
0.080
62.0
0.493
-31.3
9000
0.751
-75.3
3.675
116.8
0.086
60.2
0.475
-34.0
10000
0.718
-82.1
3.506
111.5
0.092
58.9
0.458
-36.6
11000
0.687
-88.7
3.345
106.5
0.096
57.8
0.442
-39.0
12000
0.659
-95.0
3.194
101.8
0.101
57.1
0.426
-41.3
13000
0.633
-101.2
3.054
97.3
0.105
56.6
0.412
-43.6
14000
0.610
-107.2
2.923
93.0
0.108
56.4
0.399
-45.8
15000
0.590
-113.0
2.801
88.9
0.112
56.4
0.386
-47.9
16000
0.572
-118.7
2.688
85.0
0.116
56.6
0.375
-50.1
17000
0.556
-124.2
2.584
81.3
0.120
56.9
0.364
-52.3
18000
0.543
-129.6
2.487
77.7
0.124
57.3
0.353
-54.6
19000
0.532
-134.9
2.397
74.2
0.129
57.8
0.344
-56.9
20000
0.523
-140.0
2.314
70.8
0.133
58.4
0.335
-59.4
21000
0.516
-145.0
2.236
67.5
0.138
58.9
0.326
-62.0
22000
0.511
-149.8
2.164
64.4
0.144
59.5
0.318
-64.7
23000
0.507
-154.6
2.096
61.3
0.150
60.0
0.310
-67.5
24000
0.505
-159.2
2.033
58.3
0.156
60.5
0.303
-70.5
NOTE:* The data includes bonding wires.
n: number of wires
Gate
n=2 (0.3mm length, 20µm Dia Au wire)
Drain
n=2 (0.3mm length, 20µm Dia Au wire)
Source n=4 (0.3mm length, 20µm Dia Au wire)
Download S-Parameters, click here



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com