Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT8665 Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT8665
Description  Talking Back with Echo
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT8665 Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT8665 Datasheet HTML 1Page - Holtek Semiconductor Inc HT8665 Datasheet HTML 2Page - Holtek Semiconductor Inc HT8665 Datasheet HTML 3Page - Holtek Semiconductor Inc HT8665 Datasheet HTML 4Page - Holtek Semiconductor Inc HT8665 Datasheet HTML 5Page - Holtek Semiconductor Inc HT8665 Datasheet HTML 6Page - Holtek Semiconductor Inc HT8665 Datasheet HTML 7Page - Holtek Semiconductor Inc HT8665 Datasheet HTML 8Page - Holtek Semiconductor Inc HT8665 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Pin Assignment
Pad Assignment
Block Diagram
OSC1
OSC2
A0
RASB
WRB
DATA
A8
NC
CASB
VDD
MOTOR
LEDB
IOUT
NC
VOUT
MIXIN
NC
NC
NC
MIXOUT
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
A2
A1
A3
A4
A5
NC
A6
A7
VSS
MS
DS
TESTB
16KB
START
AIN1
NC
AIN2
AO1
BIAS
ADMOUT
HT8665
– 40 DIP
Chip size: 3260
× 3080 (µm)2
* The IC substrate should be connected to VSS in the
PCB layout artwork.
HT8665
2
21st Dec ’95



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com