Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT8665 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT8665
Description  Talking Back with Echo
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT8665 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT8665 Datasheet HTML 1Page - Holtek Semiconductor Inc HT8665 Datasheet HTML 2Page - Holtek Semiconductor Inc HT8665 Datasheet HTML 3Page - Holtek Semiconductor Inc HT8665 Datasheet HTML 4Page - Holtek Semiconductor Inc HT8665 Datasheet HTML 5Page - Holtek Semiconductor Inc HT8665 Datasheet HTML 6Page - Holtek Semiconductor Inc HT8665 Datasheet HTML 7Page - Holtek Semiconductor Inc HT8665 Datasheet HTML 8Page - Holtek Semiconductor Inc HT8665 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Pad Coordinates
Unit:
µm
Pad No.
X
Y
Pad No.
X
Y
1
–1447.00
977.75
18
1447.00
–452.75
2
–1434.00
648.25
19
1447.00
–189.75
3
–1447.00
354.75
20
1447.00
75.25
4
–1447.00
99.25
21
1442.00
434.25
5
–1429.50
–178.75
22
1447.00
718.75
6
–1447.00 –1004.75
23
1447.00
999.75
7
–1450.00 –1300.75
24
1346.00
1300.75
8
–1106.50 –1300.75
25
1020.00
1300.75
9
–813.00
–1300.75
26
741.00
1300.75
10
–31.00
–1300.75
27
460.00
1300.75
11
296.00
–1300.75
28
181.00
1300.75
12
626.00
–1300.75
29
–100.00
1300.75
13
881.50
–1300.75
30
–393.00
1300.75
14
1143.50
–1300.75
31
–674.00
1300.75
15
1447.00
–1305.75
32
–983.50
1300.75
16
1447.00
–965.25
33
–1340.00
1300.75
17
1447.00
–717.75
Pin Description
Pin No.
Pin Name
I/O
Internal
Connection
Description
1
A0
O
CMOS
DRAM address output
2
RASB
O
CMOS
DRAM row address strobe
3
WRB
O
CMOS
DRAM write enable
4
DATA
I/O
CMOS
DRAM data input/output
5
A8
O
CMOS
DRAM address output
6
NC
—
—
No connection
7
CASB
O
CMOS
DRAM column address strobe
8
VDD
I
—
Positive power supply
9
MOTOR
O
CMOS
Motor drive output (active high)
10
LEDB
O
NMOS
Open Drain
LED indicator:
Idle: LED is turned on;
Record: LED flashes;
Play: LED is turned off.
11
IOUT
O
PMOS
Open Drain
Current type audio output for an external transistor
HT8665
3
21st Dec ’95



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com