Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT8665 Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT8665
Description  Talking Back with Echo
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT8665 Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT8665 Datasheet HTML 1Page - Holtek Semiconductor Inc HT8665 Datasheet HTML 2Page - Holtek Semiconductor Inc HT8665 Datasheet HTML 3Page - Holtek Semiconductor Inc HT8665 Datasheet HTML 4Page - Holtek Semiconductor Inc HT8665 Datasheet HTML 5Page - Holtek Semiconductor Inc HT8665 Datasheet HTML 6Page - Holtek Semiconductor Inc HT8665 Datasheet HTML 7Page - Holtek Semiconductor Inc HT8665 Datasheet HTML 8Page - Holtek Semiconductor Inc HT8665 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Pin No.
Pin Name
I/O
Internal
Connection
Description
12
NC
—
—
No connection
13
VOUT
O
—
Voltage type audio output for an external power AMP
14
MIXIN
I
—
Echo mixer input
15
NC
—
—
No connection
16
NC
—
—
No connection
17
NC
—
—
No connection
18
MIXOUT
O
—
Echo mixer output
19
OSC1
I
—
Oscillator input
20
OSC2
O
—
Oscillator output
21
ADMOUT
O
—
ADM D/A output
22
BIAS
O
—
For OP bias de-coupling
23
AO1
O
—
Internal AMP first stage output
24
AIN2
I
—
Internal AMP second stage input (inverting)
25
NC
—
—
No connection
26
AIN1
I
—
Internal AMP first stage input (inverting)
27
START
O
CMOS
System start pin
28
16KB
I
Pull-High
Sampling rate selection:
Open/high: 32K bps;
Low: 16K bps
29
TESTB
I
Pull-Low
For IC test only
30
DS
I
Pull-High
Echo delay time selection:
1. DRAM of 64K: Open/high: 256ms;
Low: 128ms
2. DRAM of 256K: Open/high: 512ms;
Low: 256ms
31
MS
I
Pull-High
DRAM size selection:
Open/high: 64K;
Low: 256K
32
VSS
I
—
Negative power supply (GND)
33
A7
O
CMOS
DRAM address output
34
A6
O
CMOS
DRAM address output
35
NC
—
—
No connection
36
A5
O
CMOS
DRAM address output
HT8665
4
21st Dec ’95



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com