Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82K95A Datasheet(PDF) 13 Page - Holtek Semiconductor Inc

Part # HT82K95A
Description  USB Multimedia Keyboard Encoder 8-Bit MCU
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K95A Datasheet(HTML) 13 Page - Holtek Semiconductor Inc

Back Button HT82K95A Datasheet HTML 9Page - Holtek Semiconductor Inc HT82K95A Datasheet HTML 10Page - Holtek Semiconductor Inc HT82K95A Datasheet HTML 11Page - Holtek Semiconductor Inc HT82K95A Datasheet HTML 12Page - Holtek Semiconductor Inc HT82K95A Datasheet HTML 13Page - Holtek Semiconductor Inc HT82K95A Datasheet HTML 14Page - Holtek Semiconductor Inc HT82K95A Datasheet HTML 15Page - Holtek Semiconductor Inc HT82K95A Datasheet HTML 16Page - Holtek Semiconductor Inc HT82K95A Datasheet HTML 17Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
HT82K95E/HT82K95A
Rev. 1.20
13
October 24, 2005
extra delay of 1024 system clock pulses when the sys-
tem resets (power-up, WDT time-out or RES reset) or
when the system awakes from the HALT state.
When a system reset occurs, an SST delay is added
during the reset period. Any wake up from HALT will en-
able the SST delay.
The functional unit chip reset status are shown below.
Program Counter
000H
Interrupt
Disable
Prescaler
Clear
WDT
Clear. After master reset,
WDT begins counting
Timer/event Counter
Off
Input/output Ports
Input mode
Stack Pointer
Points to the top of the stack
W a r m R e s e t
W D T
H A L T
C o l d
R e s e t
R E S
S y s t e m R e s e t
S S T
1 0 - b i t R i p p l e
C o u n t e r
O S C 1
Reset Configuration
The status of the registers are summarized in the following table.
Register
Reset
(Power On)
WDT
Time-out
(Normal
Operation)
RES Reset
(Normal
Operation)
RES Reset
(HALT)
WDT
Time-Out
(HALT)*
USB-Reset
(Normal)
USB-Reset
(HALT)
TMR0
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
TMR0C
00-0 1000
00-0 1000
00-0 1000
00-0 1000
uu-u uuuu
00-0 1000
00-0 1000
TMR1H
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
TMR1L
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
TMR1C
00-0 1---
00-0 1---
00-0 1---
00-0 1---
uu-u u---
00-0 1---
00-0 1---
Program
Counter
000H
000H
000H
000H
000H
000H
000H
MP0
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
MP1
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
ACC
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
TBLP
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
TBLH
-xxx xxxx
-uuu uuuu
-uuu uuuu
-uuu uuuu
-uuu uuuu
-uuu uuuu
-uuu uuuu
STATUS
--00 xxxx
--1u uuuu
--uu uuuu
--01 uuuu
--11 uuuu
--uu uuuu
--01 uuuu
INTC
-000 0000
-000 0000
-000 0000
-000 0000
-uuu uuuu
-000 0000
-000 0000
WDTS
1000 0111
1000 0111
1000 0111
1000 0111
uuuu uuuu
1000 0111
1000 0111
PA
1111 1111
1111 1111
1111 1111
1111 1111
uuuu uuuu
1111 1111
1111 1111
PAC
1111 1111
1111 1111
1111 1111
1111 1111
uuuu uuuu
1111 1111
1111 1111
PB
1111 1111
1111 1111
1111 1111
1111 1111
uuuu uuuu
1111 1111
1111 1111
PBC
1111 1111
1111 1111
1111 1111
1111 1111
uuuu uuuu
1111 1111
1111 1111
PC
1111 1111
1111 1111
1111 1111
1111 1111
uuuu uuuu
1111 1111
1111 1111
PCC
1111 1111
1111 1111
1111 1111
1111 1111
uuuu uuuu
1111 1111
1111 1111
PD
1111 1111
1111 1111
1111 1111
1111 1111
uuuu uuuu
1111 1111
1111 1111
V D D
R E S
Reset Circuit
t S S T
R E S
V D D
S S T T i m e - o u t
C h i p R e s e t
Reset Timing Chart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com