Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82K95A Datasheet(PDF) 17 Page - Holtek Semiconductor Inc

Part # HT82K95A
Description  USB Multimedia Keyboard Encoder 8-Bit MCU
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K95A Datasheet(HTML) 17 Page - Holtek Semiconductor Inc

Back Button HT82K95A Datasheet HTML 13Page - Holtek Semiconductor Inc HT82K95A Datasheet HTML 14Page - Holtek Semiconductor Inc HT82K95A Datasheet HTML 15Page - Holtek Semiconductor Inc HT82K95A Datasheet HTML 16Page - Holtek Semiconductor Inc HT82K95A Datasheet HTML 17Page - Holtek Semiconductor Inc HT82K95A Datasheet HTML 18Page - Holtek Semiconductor Inc HT82K95A Datasheet HTML 19Page - Holtek Semiconductor Inc HT82K95A Datasheet HTML 20Page - Holtek Semiconductor Inc HT82K95A Datasheet HTML 21Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 48 page
background image
HT82K95E/HT82K95A
Rev. 1.20
17
October 24, 2005
Low Voltage Reset
- LVR
The microcontroller contains a low voltage reset circuit
in order to monitor the supply voltage of the device. If the
supply voltage of the device drops to within a range of
0.9V~VLVR such as might occur when changing the bat-
tery, the LVR will automatically reset the device inter-
nally.
The LVR includes the following specifications:
· For a valid LVR signal, a low voltage i.e. a voltage in
the range between 0.9V~VLVR must exist for greater
than 1ms. If the low voltage state does not exceed
1ms, the LVR will ignore it and do not perform a reset
function.
· The LVR uses the
²OR² function with the external
RES signal to perform chip reset.
The relationship between VDD and VLVR is shown below.
Note:
VOPR is the voltage range for proper chip opera-
tion at 4MHz system clock.
Suspend Wake-Up and Remote Wake-Up
If there is no signal on the USB bus for over 3ms, the
HT82K95E/HT82K95A will go into suspend mode. The
Suspend line (bit 0 of the USC) will be set to
²1² and a
USB interrupt is triggered to indicate that the
HT82K95E/HT82K95A should jump to the suspend
state to meet the 500
mA USB suspend current spec.
In order to meet the 500
mA suspend current, the firm-
ware should disable the USB clock by clearing the
USBCKEN (bit3 of the SCC) to
²0². The suspend cur-
rent is 400
mA.
User can further decrease the suspend current to 250
mA
by setting the SUSP2 (bit4 of the SCC). But if the
SUSP2 is set, user should make sure not to enable the
LVR OPT option, otherwise the HT82K95E/HT82K95A
will be reset.
When the resume signal is sent out by the host, the
HT82K95E/HT82K95A will wake up the MCU by USB in-
terrupt and the Resume line (bit 3 of the USC) is set. In
order to make the HT82K95E/HT82K95A function prop-
erly, the firmware must set the USBCKEN (bit 3 of the
SCC) to
²1² and clear the SUSP2 (bit4 of the SCC).
Since the Resume signal will be cleared before the Idle
signal is sent out by the host, the Suspend line (bit 0 of
the USC) will be set to
²0². So when the MCU is detect-
ing the Suspend line (bit0 of USC), the Resume line
should be remembered and taken into consideration.
After finishing the resume signal, the suspend line will
go inactive and a USB interrupt is triggered. The follow-
ing is the timing diagram.
5 . 5 V
3 . 3 V
3 . 0 V
0 . 9 V
V D D
V O P R
V L V R
5 . 5 V
V D D
5 . 5 V
V L V R
0 . 9 V
0 V
R e s e t S i g n a l
R e s e t
* 1
* 2
N o r m a l O p e r a t i o n
R e s e t
L V R D e t e c t V o l t a g e
Low Voltage Reset
Note:
*1. To make sure that the system oscillator has stabilized, the SST provides an extra delay of 1024 system
clock pulses before entering the normal operation.
*2. Since low voltage has to be maintained for over 1ms in its original state, therefore there
¢s a 1ms delay
before entering the reset mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com