Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82K95A Datasheet(PDF) 15 Page - Holtek Semiconductor Inc

Part # HT82K95A
Description  USB Multimedia Keyboard Encoder 8-Bit MCU
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K95A Datasheet(HTML) 15 Page - Holtek Semiconductor Inc

Back Button HT82K95A Datasheet HTML 11Page - Holtek Semiconductor Inc HT82K95A Datasheet HTML 12Page - Holtek Semiconductor Inc HT82K95A Datasheet HTML 13Page - Holtek Semiconductor Inc HT82K95A Datasheet HTML 14Page - Holtek Semiconductor Inc HT82K95A Datasheet HTML 15Page - Holtek Semiconductor Inc HT82K95A Datasheet HTML 16Page - Holtek Semiconductor Inc HT82K95A Datasheet HTML 17Page - Holtek Semiconductor Inc HT82K95A Datasheet HTML 18Page - Holtek Semiconductor Inc HT82K95A Datasheet HTML 19Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 48 page
background image
HT82K95E/HT82K95A
Rev. 1.20
15
October 24, 2005
Using the internal clock source, there is only 1 reference
time-base for Timer/Event Counter 0. The internal clock
source is coming from fSYS/4.
The external clock input allows the user to count exter-
nal events, measure time intervals or pulse widths.
Using the internal clock source, there is only 1 reference
time-base for Timer/Event Counter 1. The internal clock
source is coming from fSYS/4. The external clock input
allows the user to count external events, measure time
intervals or pulse widths.
There are 2 registers related to the Timer/Event Counter
0; TMR0 ([0DH]), TMR0C ([0EH]). Two physical regis-
ters are mapped to TMR0 location; writing TMR0 makes
the starting value be placed in the Timer/Event Counter
0 preload register and reading TMR0 gets the contents
of the Timer/Event Counter 0. The TMR0C is a
timer/event counter control register, which defines some
options.
There are 3 registers related to Timer/Event Counter 1;
TMR1H (0FH), TMR1L (10H), TMR1C (11H). Writing
TMR1L will only put the written data to an internal
lower-order byte buffer (8 bits) and writing TMR1H will
transfer the specified data and the contents of the
lower-order byte buffer to TMR1H and TMR1L preload
registers, respectively. The Timer/Event Counter 1
preload register is changed by each writing TMR1H op-
erations. Reading TMR1H will latch the contents of
TMR1H and TMR1L counters to the destination and the
lower-order byte buffer, respectively. Reading the
TMR1L will read the contents of the lower-order byte
buffer. The TMR1C is the Timer/Event Counter 1 control
register, which defines the operating mode, counting en-
able or disable and active edge.
The TM0, TM1 bits define the operating mode. The
event count mode is used to count external events,
which means the clock source comes from an external
(TMR0/TMR1) pin. The timer mode functions as a nor-
mal timer with the clock source coming from the fSYS/4
(Timer0/Timer1). The pulse width measurement mode
can be used to count the high or low level duration of the
external signal (TMR0/TMR1). The counting is based on
the fSYS/4 (Timer0/Timer1).
In the event count or timer mode, once the Timer/Event
Counter 0/1 starts counting, it will count from the current
contents in the Timer/Event Counter 0/1 to FFH or
FFFFH. Once overflow occurs, the counter is reloaded
from the Timer/Event Counter 0/1 preload register and
generates the interrupt request flag (T0F/T1F; bit 5/6 of
INTC) at the same time.
In the pulse width measurement mode with the TON
and TE bits equal to one, once the TMR0/TMR1 has re-
ceived a transient from low to high (or high to low if the
TE bits is
²0²) it will start counting until the TMR0/TMR1
returns to the original level and resets the TON. The
measured result will remain in the Timer/Event Counter
0/1 even if the activated transient occurs again. In other
words, only one cycle measurement can be done. Until
setting the TON, the cycle measurement will function
again as long as it receives further transient pulse. Note
that, in this operating mode, the Timer/Event Counter
0/1 starts counting not according to the logic level but
according to the transient edges. In the case of counter
overflows, the counter 0/1 is reloaded from the
Timer/Event Counter 0/1 preload register and issues the
interrupt request just like the other two modes. To en-
able the counting operation, the timer ON bit (TON; bit 4
T M 1
T M 0
T M R 0
T E
T M 1
T M 0
T O N
P u l s e W i d t h
M e a s u r e m e n t
M o d e C o n t r o l
T i m e r / E v e n t C o u n t e r 0
P r e l o a d R e g i s t e r
T i m e r / E v e n t
C o u n t e r 0
D a t a B u s
R e l o a d
O v e r f l o w
t o I n t e r r u p t
f S Y S / 4
Timer/Event Counter 0
T M 1
T M 0
T M R 1
T E
T M 1
T M 0
T O N
P u l s e W i d t h
M e a s u r e m e n t
M o d e C o n t r o l
1 6 B i t s
T i m e r / E v e n t C o u n t e r
P r e l o a d R e g i s t e r
D a t a B u s
R e l o a d
O v e r f l o w
t o I n t e r r u p t
f S Y S / 4
1 6 B i t s
T i m e r / E v e n t C o u n t e r
( T M R 1 H / T M R 1 L )
L o w B y t e
B u f f e r
Timer/Event Counter 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com