Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT672B Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT672B
Description  13.56MHz RFID Transponder
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT672B Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT672B Datasheet HTML 1Page - Holtek Semiconductor Inc HT672B Datasheet HTML 2Page - Holtek Semiconductor Inc HT672B Datasheet HTML 3Page - Holtek Semiconductor Inc HT672B Datasheet HTML 4Page - Holtek Semiconductor Inc HT672B Datasheet HTML 5Page - Holtek Semiconductor Inc HT672B Datasheet HTML 6Page - Holtek Semiconductor Inc HT672B Datasheet HTML 7Page - Holtek Semiconductor Inc HT672B Datasheet HTML 8Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Pin Assignment
Pad Assignment
Chip size: 36.4
´36.4 (mil)2
* The IC substrate should be connected to VSS in the PCB layout artwork.
Pad Coordinates
Unit:
mm
Pad No.
X
Y
Pad No.
X
Y
1
-252.875
303.663
4
247.074
-297.912
2
-252.875
-298.537
5
238.174
284.663
3
112.975
-314.687
6
126.674
284.663
Pad Description
Pad
No.
Pad
Name
I/O
Internal
Connection
Description
1
HF
I/O
CMOS
Connect to an antenna coil for normal operation. Open for data programming.
2
HF1
I/O
CMOS
Connect to an antenna coil for normal operation. Data I/O for programming.
3
VSS
¾¾
Negative power supply, ground
4
CLK
I
CMOS
Open for normal operation. Clock input for programming.
5
VPP
I
¾
Open for normal operation. High voltage supplies input for programming.
(Suggest 12.5V for programming)
6
VDD
¾¾
Open for normal operation, +6V supply input for programming.
HT672B
Rev. 1.10
2
November 23, 2004
1
2
3
4
8
7
6
5
H F
N C
N C
H F I
V C C
V P P
C L K
G N D
H T 6 7 2 B
8 D I P - A
( 0 , 0 )
H F
H F 1
G N D
C L K
V C C
V P P
1
2
3
4
5
6



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com