Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT672B Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT672B
Description  13.56MHz RFID Transponder
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT672B Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT672B Datasheet HTML 1Page - Holtek Semiconductor Inc HT672B Datasheet HTML 2Page - Holtek Semiconductor Inc HT672B Datasheet HTML 3Page - Holtek Semiconductor Inc HT672B Datasheet HTML 4Page - Holtek Semiconductor Inc HT672B Datasheet HTML 5Page - Holtek Semiconductor Inc HT672B Datasheet HTML 6Page - Holtek Semiconductor Inc HT672B Datasheet HTML 7Page - Holtek Semiconductor Inc HT672B Datasheet HTML 8Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Absolute Maximum Ratings
Supply Voltage (VDD) ............................................5.5V
Storage Temperature ...........................
-50°Cto125°C
Supply Voltage (VPA) ..........................................12.5V
Operating Temperature ..............................0
°Cto70°C
Input Voltage .............................VSS
-0.3V to VDD+0.3V
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those
listed in the specification is not implied and prolonged exposure to extreme conditions may affect device reliabil-
ity.
Electrical Characteristics
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Operating Voltage
¾
VDD pad voltage
23
4
V
IDD
Operating Current
2V
¾¾
15
¾mA
IDD
Operating Current
3V
¾¾
400
¾mA
Rm
Modulation Resistance
3.3V
¾¾
320
¾W
VLCL
LC Input Limiter Voltage
¾¾
¾
6.5
¾
V
BR
Output Data Baud Rate
3V
VDD vs VSS
5
10
15
Kbps
HT672B
Rev. 1.10
3
November 23, 2004
Functional Description
Operation Concept
The reader transmits a 13.56MHz carrier signal from its
antenna, the LC tank on the transponder side converts
the carrier energy to voltage form and supply to the tran-
sponder chip with an internal pump circuit. If the induced
energy is high enough, the pumped voltage reaches the
break-in voltage of internal RC-oscillator, the tran-
sponder is actuated to transmit its internal data serially
by means of damping the LC tank.
The reader receiving the transponder
¢s data by means
of detecting the energy variation on it
¢s own antenna,
and recognize the information with a microcontroller.
The HT672B has a built-in internal Voltage Limiter to
prevent excess power supply and RF levels induced by
the LC tank from damaging the device or causing the
device to function abnormally.
A total of 40 bits of O
TP memory space is provided,
from which 20 bits wide are customer programmable,
which can be programmed using the specified program-
mer supplied by Holtek. The pre-programmed Ics are
also available upon customer
¢s request.
H T 6 7 2 B
E n e r g y
D a t a
R F o s c
&
C o n t r o l l e r
T r a n s p o n d e r
R e a d e r



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com