Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT672B Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT672B
Description  13.56MHz RFID Transponder
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT672B Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT672B Datasheet HTML 1Page - Holtek Semiconductor Inc HT672B Datasheet HTML 2Page - Holtek Semiconductor Inc HT672B Datasheet HTML 3Page - Holtek Semiconductor Inc HT672B Datasheet HTML 4Page - Holtek Semiconductor Inc HT672B Datasheet HTML 5Page - Holtek Semiconductor Inc HT672B Datasheet HTML 6Page - Holtek Semiconductor Inc HT672B Datasheet HTML 7Page - Holtek Semiconductor Inc HT672B Datasheet HTML 8Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
HT672B
13.56MHz RFID Transponder
Block Diagram
Rev. 1.10
1
November 23, 2004
Features
· Wide range operating voltage
· Batteryless RF transponder
· Data transmission in read-only operation
· 6-bits sync + 32-bits data + 8-bits CRC
· OTP data memory
· 13.56MHz carrier frequency
· Output data baud rate: 10kbps at VDD=3V
· PWM/ASK modulation
· Built-in voltage limiter
· 8-pin DIP package
Applications
· Interactive leisure products
· Security system
· Access control
· Anti-counterfeit devices
· Material management
· Animal management
· Personnel working time record
· Car park monitoring system
General Description
The HT672B is a RF transponder IC operating with
13.56MHz RF carrier, which provides a low cost
batteryless transponder solution with the addition of
merely an external inductor. The inductor and internal
capacitor form a LC tank which inducing voltage from
the radiated 13.56MHz carrier signal generated from the
reader antenna. HT672B has a built-in low power RC
oscillator which is activated if the induced carrier field
strength is high enough to supply the operating current
and the response signal(pre-programmed in the OTP
memory) is serial transmitted out. The response data is
transmitted using PWM/ASK modulation. Modulation of
13.56MHz is accomplished by damping the LC tank with
a fixed baud rate.
The transmission information is stored in 40 bits. One
Time Programmable memory (OTP) (up to 32 bits re-
served for customer) in the chip, with a 8-bits checksum
code. The effective detection range for a small sized an-
tenna is 2cm~10cm which is dependent on antenna for-
mat & reader design. The larger the antenna loop used
the longer the detection range. It is advisable to use
larger antenna to attain a 15cm detection range. Imple-
menting Holtek
¢s advanced OTP and low power tech-
nology, HT672B offers a very cost effective solution for
RF contactless detection system. A code area of
32-bits(max.) wide is provided so customers can pro-
gram the device using the specified programmer sup-
plied by Holtek. The pre-programmed Ics are also
available upon customer
¢s request.
V P P
C L K
H F
H F 1
V D D
V S S
P W M / A S K
M o d u l a t o r
S h i f t
R e g i s t e r
D a t a
S y s t e m
C l o c k
G e n e r a t o r
V C C L i m i t e r
a n d
R F L i m i t e r
D a t a
P r o c e s s i n g
F r e q u e n c y
D r i v e r f / 4
T e s t B l o c k


Similar Part No. - HT672B

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT6720 HOLTEK-HT6720 Datasheet
112Kb / 6P
13.56MHz RFID Transponder
August 13, 2001
HT672A HOLTEK-HT672A Datasheet
118Kb / 7P
13.56MHz RFID Transponder
June 3, 2004
HT672A HOLTEK-HT672A Datasheet
120Kb / 8P
13.56MHz RFID Transponder
May 17, 2007
HT672A HOLTEK-HT672A_07 Datasheet
120Kb / 8P
13.56MHz RFID Transponder
May 17, 2007
More results

Similar Description - HT672B

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT6720 HOLTEK-HT6720 Datasheet
112Kb / 6P
13.56MHz RFID Transponder
August 13, 2001
HT672A HOLTEK-HT672A Datasheet
118Kb / 7P
13.56MHz RFID Transponder
June 3, 2004
HT6740 HOLTEK-HT6740 Datasheet
875Kb / 7P
13.56MHz RFID Transponder
November 23, 2004
HT672A HOLTEK-HT672A_07 Datasheet
120Kb / 8P
13.56MHz RFID Transponder
May 17, 2007
HT6740 HOLTEK-HT6740_07 Datasheet
111Kb / 8P
13.56MHz RFID Transponder
May 17, 2007
logo
Melexis Microelectronic...
MLX12115 MELEXIS-MLX12115 Datasheet
37Kb / 1P
13.56MHz RFID Transceiver
MLX90121 MELEXIS-MLX90121 Datasheet
387Kb / 26P
13.56MHz RFID Transceiver
logo
AMIC Technology
A9290-A-0C AMICC-A9290-A-0C Datasheet
94Kb / 1P
13.56MHz RFID Antenna
A9290-A-0D AMICC-A9290-A-0D Datasheet
94Kb / 1P
13.56MHz RFID Antenna
logo
Pepperl+Fuchs Inc.
IPC03-20K6 PF-IPC03-20K6 Datasheet
440Kb / 3P
RFID Transponder
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com