Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGAP2DM Datasheet(PDF) 14 Page - STMicroelectronics

Part # STGAP2DM
Description  Galvanically isolated 4 A half-bridge gate driver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGAP2DM Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STGAP2DM Datasheet HTML 10Page - STMicroelectronics STGAP2DM Datasheet HTML 11Page - STMicroelectronics STGAP2DM Datasheet HTML 12Page - STMicroelectronics STGAP2DM Datasheet HTML 13Page - STMicroelectronics STGAP2DM Datasheet HTML 14Page - STMicroelectronics STGAP2DM Datasheet HTML 15Page - STMicroelectronics STGAP2DM Datasheet HTML 16Page - STMicroelectronics STGAP2DM Datasheet HTML 17Page - STMicroelectronics STGAP2DM Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
9
Package information
In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK packages,
depending on their level of environmental compliance. ECOPACK specifications, grade definitions and product
status are available at: www.st.com. ECOPACK is an ST trademark.
9.1
SO-16 narrow package information
Table 10. SO-16 narrow package dimensions
Dim.
mm
NOTES
Min.
Typ.
Max.
A
1.35
-
1.75
-
A1
0.10
-
0.25
-
b
0.35
-
0.49
(1)
c
0.19
-
0.25
-
D
9.80
-
10.00
(2)
E
5.80
-
6.20
-
E1
3.80
-
4.00
(2)
e
1.27BSC
-
L
0.40
-
1.25
-
h
0.25
-
0.50
-
ϴ
0
-
7
degrees
1. Dimension "b" and "E1" does not include dam bar protrusion (allowable dam bar protrusion shall be 0.127 mm total).
2. Dimension "D" and "E1" do not include mold protrusions (maximum 0.15 mm per side).
STGAP2D
Package information
DS12746 - Rev 3
page 14/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com