Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGAP2DM Datasheet(PDF) 3 Page - STMicroelectronics

Part # STGAP2DM
Description  Galvanically isolated 4 A half-bridge gate driver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGAP2DM Datasheet(HTML) 3 Page - STMicroelectronics

  STGAP2DM Datasheet HTML 1Page - STMicroelectronics STGAP2DM Datasheet HTML 2Page - STMicroelectronics STGAP2DM Datasheet HTML 3Page - STMicroelectronics STGAP2DM Datasheet HTML 4Page - STMicroelectronics STGAP2DM Datasheet HTML 5Page - STMicroelectronics STGAP2DM Datasheet HTML 6Page - STMicroelectronics STGAP2DM Datasheet HTML 7Page - STMicroelectronics STGAP2DM Datasheet HTML 8Page - STMicroelectronics STGAP2DM Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
2
Pin description and connection diagram
Figure 2. Pin connection (top view)
VDD
INB
INA
GND
1
3
2
GOUT_A
VH_A
VH_B
N.C.
N.C.
16
15
13
14
5
7
6
8
GOUT_B
iLOCK
12
9
11
10
GNDISO_A
4
N.C.
GNDISO_B
BRAKE
SD
Table 1. Pin description
Pin #
Pin name
Type
Function
1
VDD
Power supply
Control logic supply voltage.
2
INA
Logic input
Control logic input for Channel A, active high.
3
INB
Logic input
Control logic input for Channel B, active high.
4
SD
Logic input
Shutdown input, active low.
5
BRAKE
Logic input
Control logic input, active low.
6
iLOCK
Analog input
Interlocking enable/disable.
7
GND
Power supply
Control logic ground.
9
VH_B
Power supply
Channel B gate driving positive supply.
10
GOUT_B
Analog output
Channel B Sink/Source output.
11
GNDISO_B
Power supply
Channel B gate driving isolated ground.
14
VH_A
Power supply
Channel A gate driving positive supply.
15
GOUT_A
Analog output
Channel A Sink/Source output.
16
GNDISO_A
Power supply
Channel A gate driving isolated ground.
Others
-
-
Not connected.
STGAP2D
Pin description and connection diagram
DS12746 - Rev 3
page 3/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com