Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGAP2DM Datasheet(PDF) 1 Page - STMicroelectronics

Part # STGAP2DM
Description  Galvanically isolated 4 A half-bridge gate driver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGAP2DM Datasheet(HTML) 1 Page - STMicroelectronics

  STGAP2DM Datasheet HTML 1Page - STMicroelectronics STGAP2DM Datasheet HTML 2Page - STMicroelectronics STGAP2DM Datasheet HTML 3Page - STMicroelectronics STGAP2DM Datasheet HTML 4Page - STMicroelectronics STGAP2DM Datasheet HTML 5Page - STMicroelectronics STGAP2DM Datasheet HTML 6Page - STMicroelectronics STGAP2DM Datasheet HTML 7Page - STMicroelectronics STGAP2DM Datasheet HTML 8Page - STMicroelectronics STGAP2DM Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
Features
1700 V dual channel gate driver
Driver current capability: 4 A sink / source at 25 °C
dV/dt transient immunity ±100 V/ns
Overall input-output propagation delay: 75 ns
UVLO function
Configurable interlocking function
Dedicated SD and BRAKE pins
Gate driving voltage up to 26 V
3.3 V, 5 V TTL/CMOS inputs with hysteresis
Temperature shutdown protection
Standby function
UL 1577 recognized
Applications
Motor driver for industrial drives, factory automation, home appliances and fans
600/1200 V inverters
Battery chargers
Induction heating
Welding
UPS
Power supply units
DC-DC converters
Power Factor Correction
Description
The STGAP2D is a half-bridge gate driver which isolates the gate driving channels
from the low voltage control and interface circuitry.
The gate driver is characterized by 4 A capability and rail-to-rail outputs, making the
device also suitable for high power inverter applications such as motor drivers in
industrial applications.
The device integrates protection functions: dedicated SD and BRAKE pins are
available, UVLO and thermal shutdown are included to easily design high reliability
systems, and an interlocking function prevents outputs from being high at the same
time.
The input to output propagation delay results are contained within 75 ns, providing
high PWM control accuracy.
A standby mode is available in order to reduce idle power consumption.
SO-16
Product status link
STGAP2D
Product label
Galvanically isolated 4 A half-bridge gate driver
STGAP2D
Datasheet
DS12746 - Rev 3 - July 2022
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STGAP2DM

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGAP2GS STMICROELECTRONICS-STGAP2GS Datasheet
551Kb / 20P
Galvanically isolated 3 A single gate driver for Enhancement mode GaN FETs
21-Dec-2022
STGAP2GSC STMICROELECTRONICS-STGAP2GSC Datasheet
551Kb / 20P
Galvanically isolated 3 A single gate driver for Enhancement mode GaN FETs
21-Dec-2022
STGAP2GSCTR STMICROELECTRONICS-STGAP2GSCTR Datasheet
551Kb / 20P
Galvanically isolated 3 A single gate driver for Enhancement mode GaN FETs
21-Dec-2022
STGAP2GSN STMICROELECTRONICS-STGAP2GSN Datasheet
556Kb / 20P
Isolated 3 A single gate driver for Enhancement mode GaN FETs
21-Dec-2022
STGAP2GSNC STMICROELECTRONICS-STGAP2GSNC Datasheet
556Kb / 20P
Isolated 3 A single gate driver for Enhancement mode GaN FETs
21-Dec-2022
More results

Similar Description - STGAP2DM

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK4900 MSK-MSK4900 Datasheet
409Kb / 6P
600V ISOLATED HALF BRIDGE GATE DRIVER
logo
Analog Devices
ADUM7234 AD-ADUM7234 Datasheet
273Kb / 12P
Isolated Precision Half-Bridge Driver, 4 A Output
Rev. A
logo
STMicroelectronics
STGAP1S STMICROELECTRONICS-STGAP1S Datasheet
2Mb / 67P
gapDRIVE™: galvanically isolated single gate driver
May 2015 Rev 3
logo
Analog Devices
ADUM4221 AD-ADUM4221 Datasheet
735Kb / 19P
Isolated, Half Bridge Gate Driver with Adjustable Dead Time, 4 A Output
7/2020-Revision 0
ADUM3224 AD-ADUM3224 Datasheet
561Kb / 19P
Isolated Precision Half-Bridge Driver, 4 A Output
11/15-Rev. A to Rev. B
ADUM3223 AD-ADUM3223_V01 Datasheet
533Kb / 20P
Isolated Precision Half-Bridge Driver, 4 A Output
Rev. J
ADUM7234 AD-ADUM7234_V01 Datasheet
217Kb / 12P
Isolated, Precision Half-Bridge Driver, 4 A Output
Rev. B
logo
STMicroelectronics
STGAP2HS STMICROELECTRONICS-STGAP2HS Datasheet
453Kb / 22P
Galvanically isolated 4 A single gate driver
29-Sep-2022
STGAP2SICS STMICROELECTRONICS-STGAP2SICS Datasheet
716Kb / 22P
Galvanically isolated 4 A single gate driver for SiC MOSFETs
29-Sep-2022
STGAP2HD STMICROELECTRONICS-STGAP2HD Datasheet
803Kb / 24P
Galvanically isolated 4 A dual gate driver
Rev 2 - September 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com