Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RSH3-1205S/H3-R Datasheet(PDF) 1 Page - Recom International Power

Part # RSH3-1205S/H3-R
Description  3 Watt SMD DIP14 Single and Dual
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RSH3-1205S/H3-R Datasheet(HTML) 1 Page - Recom International Power

  RSH3-1205S/H3-R Datasheet HTML 1Page - Recom International Power RSH3-1205S/H3-R Datasheet HTML 2Page - Recom International Power RSH3-1205S/H3-R Datasheet HTML 3Page - Recom International Power RSH3-1205S/H3-R Datasheet HTML 4Page - Recom International Power RSH3-1205S/H3-R Datasheet HTML 5Page - Recom International Power RSH3-1205S/H3-R Datasheet HTML 6Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
www.recom-power.com
REV.: 0/2022
ECO-1
DC/DC Converter
3 Watt
SMD DIP14
Single and Dual
E224736
Description
High power density 3W SMD isolated DC/DC single and dual output converters. The RSH3 is
available with three different input ranges and offers single or dual regulated output.There is no minimum
load requirement. Standard isolation is 2kVDC/1min and a /H3 version with 3kVDC/1min is available.
The operating temperature is from -40°C up to +81°C without derating. The DIP14 SMD pin-out is
industry standard, and the converters come equipped with ON/OFF control and, short
circuit protection, and over current protection, making them ideal for highly sophisticated
industrial designs.The converters are fully certified to IEC/EN/UL62368 (3rd Edition) and are 10/10 RoHS
conform.
Features
Regulated
Converters
• 3W power in compact SMD package
• Operating temperature from -40°C to +81°C
with no derating
• 2kVDC or 3kVDC/1minute isolation voltage
• IEC/EN/UL62368 3rd Edition certified
• Fully protected- OLP, OCP & SCP
RSH3
Selection Guide
Part
Input
Output
Output
Efficiency
max. Capacitive
Number
Voltage Range
Voltage
Current
typ. (1)
Load (2)
[VDC]
[VDC]
[mA]
[%]
[µF]
RSH3-1205S (3, 4)
9-18
5
600
79
1680
RSH3-1212S (3, 4)
9-18
12
250
81
820
RSH3-1215S (3, 4)
9-18
15
200
82
680
RSH3-1224S (3, 4)
9-18
24
125
82
470
RSH3-1212D (3, 4)
9-18
±12
±125
82
±470
RSH3-1215D (3, 4)
9-18
±15
±100
82
±330
RSH3-2405S (3, 4)
18-36
5
600
80
1680
RSH3-2412S (3, 4)
18-36
12
250
81
820
RSH3-2415S (3, 4)
18-36
15
200
82
680
RSH3-2424S (3, 4)
18-36
24
125
82
470
RSH3-2412D (3, 4)
18-36
±12
±125
83
±470
RSH3-2415D (3, 4)
18-36
±15
±100
83
±330
Notes:
Note1: Efficiency is tested at nominal input and full load at +25°C ambient
Note2: Max Cap Load is tested at nominal input and full resistive load
Model Numbering
YEAR
arrant
3
Notes:
Note3: add suffix “/H2” for 2kVDC isolation
add suffix “/H3” for 3kVDC isolation, for more information refer to
“Isolation Voltage (7)”
Note4: without suffix = standard tube packaging
add suffix „-R“ for tape and reel packaging for more details, refer to
“PACKAGING INFORMATION”
Packaging (4)
Isolation (3)
Single or Dual
nom. Output Power
nom. Input Voltage
Output Voltage
RSH3-__ __ _/__ -R
Ordering Examples:
RSH3-1205S/H2
9-18Vin
5Vout
single output
2kVDC/1sec isolation
tube packaging (25pcs)
RSH3-2405S/H2-R
18-36Vin
5Vout
single output
2kVDC/1sec isolation
Tape and Reel (150pcs)
RSH3-1212D/H3
9-18Vin
±12Vout
dual output
3kVDC/1sec isolation
tube packaging (25pcs)
C
O
M
CONVER
T
M
P
LIA
NT PRO
D
U
REACH
compliant
C
O
M
CONVER
T
M
P
LIA
NT PRO
D
U
RoHS 2+
compliant
10 from 10
UL62368-1 3rd Edition certified
CAN/CSA-C22.2 No. 62368-1 certified
IEC/EN62368-1 2nd + 3rd Ed. certified
EN55032 compliant
EN55035 compliant
EN55024 compliant
CB Report


Similar Part No. - RSH3-1205S/H3-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RSH300 ETC-RSH300 Datasheet
680Kb / 1P
SPACE HEATERS
logo
Apex Electronics Co., L...
RSH304RH APEX-ELECTRONICS-RSH304RH Datasheet
1Mb / 3P
7.2*7.2mm rotary coded switch, SMD and through hole
RSH304RM APEX-ELECTRONICS-RSH304RM Datasheet
1Mb / 3P
7.2*7.2mm rotary coded switch, SMD and through hole
RSH304RR APEX-ELECTRONICS-RSH304RR Datasheet
1Mb / 3P
7.2*7.2mm rotary coded switch, SMD and through hole
RSH310RH APEX-ELECTRONICS-RSH310RH Datasheet
1Mb / 3P
7.2*7.2mm rotary coded switch, SMD and through hole
More results

Similar Description - RSH3-1205S/H3-R

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RD-123.3D RECOM-RD-123.3D Datasheet
100Kb / 3P
2 Watt SIP7 & DIP14 Dual Output
RY-1205S RECOM-RY-1205S Datasheet
104Kb / 3P
1 Watt SIP7 & DIP14 Single & Dual Output
RA-XX1.8S RECOM-RA-XX1.8S Datasheet
94Kb / 2P
RA Series 1 Watt DIP14 (Single & Dual Output)
RB-1.81.8S RECOM-RB-1.81.8S_06 Datasheet
111Kb / 4P
1 Watt SIP7 & DIP14 Single & Dual Output
RD-053.3D RECOM-RD-053.3D_06 Datasheet
96Kb / 3P
2 Watt SIP7 & DIP14 Dual Output
RJ-1.81.8S RECOM-RJ-1.81.8S_06 Datasheet
109Kb / 3P
1 Watt DIP14 Single & Dual Output
RJZ-3.33.3S RECOM-RJZ-3.33.3S Datasheet
102Kb / 3P
2 Watt DIP14 Single & Dual Output
RK-1.81.8S RECOM-RK-1.81.8S_06 Datasheet
111Kb / 3P
1 Watt SIP7 & DIP14 Single & Dual Output
RY-0505S RECOM-RY-0505S_06 Datasheet
102Kb / 3P
1 Watt SIP7 & DIP14 Single & Dual Output
R3M RECOM-R3M Datasheet
869Kb / 6P
3 Watt SMD Single & Dual Output
REV.: 0/2023
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com