Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RSH3-1205S/H3-R Datasheet(PDF) 5 Page - Recom International Power

Part # RSH3-1205S/H3-R
Description  3 Watt SMD DIP14 Single and Dual
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RSH3-1205S/H3-R Datasheet(HTML) 5 Page - Recom International Power

  RSH3-1205S/H3-R Datasheet HTML 1Page - Recom International Power RSH3-1205S/H3-R Datasheet HTML 2Page - Recom International Power RSH3-1205S/H3-R Datasheet HTML 3Page - Recom International Power RSH3-1205S/H3-R Datasheet HTML 4Page - Recom International Power RSH3-1205S/H3-R Datasheet HTML 5Page - Recom International Power RSH3-1205S/H3-R Datasheet HTML 6Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
www.recom-power.com
REV.: 0/2022
ECO-5
DC/DC Converter
Specifications (measured @ Ta= 25°C, nom. Vin, full load and after warm-up unless otherwise stated)
RSH3
Series
Suggestions according to EN55032 (9)
-Vout
+Vout
-Vin
+Vin
L
1
C
1
C
3
C
2
+V
out
+V
in
-V
out
-V
in
-Vout
+Vout
Com
-Vin
+Vin
L
1
C
1
C
3
C
2
+V
out
Com
+V
in
-V
out
-V
in
Component List Class A
MODEL
C1
C2
C3
L1
RSH3-1205S/SMD
10µF
N/A
N/A
3.9µH choke
RLS-397
RSH3-2405S/SMD
RSH3-2415D/SMD
Component List Class B
MODEL
C1
C2
C3
L1
RSH3-1205S/SMD
10µF
10µF
1nF
3.9µH choke
RLS-397
RSH3-2405S/SMD
RSH3-2415S/SMD
Single
Dual
EMC Filtering
Notes:
Note9: Filter suggestions are valid for indicated part numbers only. For other part numbers, please contact RECOM for advice.
DIMENSION AND PHYSICAL CHARACTERISTICS
Parameter
Type
Value
Material
case & base
non-conductive black plastic, (UL94 V-0)
Dimension (LxWxH)
18.9 x 17.2 x 8.7mm
Weight
2.5g typ.
Dimension Drawing (mm)
Pinning Information
Pin #
Single
Dual
1
-Vin
-Vin
2
CTRL
CTRL
6
NC
COM
7
NC
-Vout
8
+Vout
+Vout
9
-Vout
COM
14
+Vin
+Vin
NC= no connection
Tolerance:
xx.x= ±0.5mm
xx.xx= ±0.25mm
6 7
1
9 8
14
2
6 7
1
9 8
14
2
2.54
1.40
6x2.54=15.24
17.2
6x2.54=15.24
12.8
18.9
1.30
0.80
embossed logo
Bottom View
Top View
Recommended Footprint Details



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com